Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS6200 Datasheet(PDF) 18 Page - ams AG

Part # AS6200
Description  The AS6200 IC is a high accuracy temperature sensor system
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6200 Datasheet(HTML) 18 Page - ams AG

Back Button AS6200 Datasheet HTML 14Page - ams AG AS6200 Datasheet HTML 15Page - ams AG AS6200 Datasheet HTML 16Page - ams AG AS6200 Datasheet HTML 17Page - ams AG AS6200 Datasheet HTML 18Page - ams AG AS6200 Datasheet HTML 19Page - ams AG AS6200 Datasheet HTML 20Page - ams AG AS6200 Datasheet HTML 21Page - ams AG AS6200 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Page 18
ams Datasheet
Document Feedback
[v1-01] 2016-Jun-17
AS6200 − Detailed Descriptions
Serial Interface
The device employs a standard I²C-Interface.
Bus Description
A data transfer must be invoked by a master device (e.g.
microcontroller) which defines the access to the slave device.
The master device defines and generates the serial clock (SCL)
and the start/stop conditions.
In order to address a specific device, a START condition has to
be generated by the master device by pulling the data line (SDA)
from a logic high level to a logic low level while the serial clock
signal (SCL) is kept at high level.
After the start condition, the slave address byte is transmitted
which is completed with a ninth bit which indicates a read
(bit=’1’) or a write operation (bit=’0’) respectively. All slaves
read the data on the rising edge of the clock. An acknowledge
signal is generated by the addressed slave during the ninth
clock pulse. This acknowledge signal is produced by pulling the
pin SDA to a low level by the selected slave.
Subsequently, the byte data transfer is started and finished by
an acknowledge bit. A change in the data signal (SDA) while the
clock signal (SCL) is high causes a START or STOP condition.
Hence, it must be ensured such a condition is prevented during
a data transfer phase.
After completing the data transfer, the master generates a STOP
condition by pulling the data line (SDA) from low level to high
level while the clock signal (SCL) is kept at high level.
Data Interface
A bus connection is created by connecting the open drain
input/output lines SDA and SCL to the two wire bus. The inputs
of SDA and SCL feature Schmitt-trigger inputs as well as low
pass filters in order to suppress noise on the bus line. This
improves the robustness against spikes on the two wire
interface.
Both fast transmission mode (1kHz to 400kHz) and high-speed
transmission mode (1kHz to 3.4MHz) are employed to cover
different bus speed settings.
Any data transfer transmits the MSB first and the LSB as last bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com