Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS6200 Datasheet(PDF) 20 Page - ams AG

Part # AS6200
Description  The AS6200 IC is a high accuracy temperature sensor system
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6200 Datasheet(HTML) 20 Page - ams AG

Back Button AS6200 Datasheet HTML 16Page - ams AG AS6200 Datasheet HTML 17Page - ams AG AS6200 Datasheet HTML 18Page - ams AG AS6200 Datasheet HTML 19Page - ams AG AS6200 Datasheet HTML 20Page - ams AG AS6200 Datasheet HTML 21Page - ams AG AS6200 Datasheet HTML 22Page - ams AG AS6200 Datasheet HTML 23Page - ams AG AS6200 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Page 20
ams Datasheet
Document Feedback
[v1-01] 2016-Jun-17
AS6200 − Detailed Descriptions
Slave Operation
The device employs a slave functionality only (slave transmitter
and slave receiver) and cannot be operated as a bus master.
Consequently, the device never actively drives the SCL line.
Slave Receiver Mode
Any transmission is invoked by the master device by
transmitting the slave address with a low R/W bit. Subsequently,
the slave device acknowledges the reception of the valid
address by pulling the ninth bit to a low level. Following to
acknowledge, the master transmits the content of the index
register. This transfer is again acknowledged by the slave
device. The next data byte(s) are written to the actual data
register which is selected by the index register while each
transfer is acknowledged upon a completed transfer by the
slave device. A data transfer can be finished if the master
transmits a START or a STOP condition on the bus.
Slave Transmitter Mode
The master transmits the slave address with a high R/W bit. In
turn, the slave acknowledges a valid slave address.
Subsequently, the slave transmits the MSB byte of the actual
selected data register by the index register. After the MSB byte
transmission, acknowledge is sent by the master. Afterwards,
the LSB byte is transmitted by the slave which is also
acknowledged by the master after the completed transmission.
The data transfer can be terminated by the master by
transmitting a Not-Acknowledge after the transmitted slave
data or by invoking a START or a STOP condition on the bus.
Alert Function
If the device is configured for an interrupt mode operation
(IM=1), the ALERT output can be used as an alert signal.
If the polarity bit is set to ‘0’ (POL=’0’), the alert condition bit is
set to ‘0’ in case the temperature has exceeded the configured
value in register THIGH. Accordingly, the alert condition bit is
set to ‘1’ if the temperature has fallen below the configured
value in register TLOW.
If the polarity bit is set to ‘1’ (POL=’1’), the alert condition bit is
inverted. The following table summarizes the status of the alert
condition bit with different alert conditions and polarity
configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com