Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD27253M Datasheet(PDF) 23 Page - ams AG

Part # TMD27253M
Description  The device features advanced proximity measurement
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD27253M Datasheet(HTML) 23 Page - ams AG

Back Button TMD27253M Datasheet HTML 19Page - ams AG TMD27253M Datasheet HTML 20Page - ams AG TMD27253M Datasheet HTML 21Page - ams AG TMD27253M Datasheet HTML 22Page - ams AG TMD27253M Datasheet HTML 23Page - ams AG TMD27253M Datasheet HTML 24Page - ams AG TMD27253M Datasheet HTML 25Page - ams AG TMD27253M Datasheet HTML 26Page - ams AG TMD27253M Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
ams Datasheet
Page 23
[v1-11] 2016-Sep-20
Document Feedback
TMD2725 − Register Description
PIHT Register (Address 0x8A)
Figure 30:
PIHT Register
The proximity channel is compared against high-going 8-bit
threshold value set by PIHT.
If the value generated by the Proximity channel is above the
PIHT threshold and the PPERS value is reached, the PINT bit is
asserted. If PIEN is set, then the INT pin will also assert.
PERS Register (Address 0x8C)
Figure 31:
PERS Register
Addr: 0x8A
PIHT
Bit
Bit Name
Default
Access
Bit Description
7:0
PIHT
0x00
RW
This register sets the Proximity ADC channel high
threshold.
Addr: 0x8C
PERS
Bit
Bit Name
Default
Access
Bit Description
7:4
PPERS
0x00
RW
This register sets the Proximity persistence filter.
Value
Interrupt
0
Every Proximity Cycle
1
Any value outside PILT/PIHT thresholds
2
2 consecutive proximity values out of range
3
3 consecutive proximity values out of range
…….
15
15 consecutive proximity values out of range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com