Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD27253M Datasheet(PDF) 31 Page - ams AG

Part # TMD27253M
Description  The device features advanced proximity measurement
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD27253M Datasheet(HTML) 31 Page - ams AG

Back Button TMD27253M Datasheet HTML 27Page - ams AG TMD27253M Datasheet HTML 28Page - ams AG TMD27253M Datasheet HTML 29Page - ams AG TMD27253M Datasheet HTML 30Page - ams AG TMD27253M Datasheet HTML 31Page - ams AG TMD27253M Datasheet HTML 32Page - ams AG TMD27253M Datasheet HTML 33Page - ams AG TMD27253M Datasheet HTML 34Page - ams AG TMD27253M Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
ams Datasheet
Page 31
[v1-11] 2016-Sep-20
Document Feedback
TMD2725 − Register Description
CFG2 Register (Address 0x9F)
Figure 44:
CFG2 Register
The ALS gain can be adjusted using by setting the two AGAIN
bits as well as the AGAINL bit which yields an overall range
from ½ x to 64x.
Figure 45:
AGAIN Range
Addr: 0x9F
CFG2
Bit
Bit Name
Default
Access
Bit Description
7:3
Reserved
0
RW
Reserved
2AGAINL
1
RW
This bit adjusts the overall ALS gain factor. Reset
to 0 causes the overall gain to be divided by 2.
ALS gain will be unaffected when set to 1.
1:0
Reserved
0
RW
Reserved
AGAIN[1]
AGAIN[0]
AGAINL
Overall ALS Gain
00
0
½
00
1
1
01
0
2
01
1
4
10
0
8
10
1
16
11
0
32
11
1
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com