Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD27253M Datasheet(PDF) 28 Page - ams AG

Part # TMD27253M
Description  The device features advanced proximity measurement
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD27253M Datasheet(HTML) 28 Page - ams AG

Back Button TMD27253M Datasheet HTML 24Page - ams AG TMD27253M Datasheet HTML 25Page - ams AG TMD27253M Datasheet HTML 26Page - ams AG TMD27253M Datasheet HTML 27Page - ams AG TMD27253M Datasheet HTML 28Page - ams AG TMD27253M Datasheet HTML 29Page - ams AG TMD27253M Datasheet HTML 30Page - ams AG TMD27253M Datasheet HTML 31Page - ams AG TMD27253M Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
Page 28
ams Datasheet
Document Feedback
[v1-11] 2016-Sep-20
TMD2725 − Register Description
CFG1 Register (Address 0x90)
Figure 35:
CFG1 Register
REVID Register (Address 0x91)
Figure 36:
REVID Register
ID Register (Address 0x92)
Figure 37:
ID Register
Addr: 0x90
CFG1
Bit
Bit Name
Default
Access
Bit Description
7:2
Reserved
000000
RW
Reserved
1:0
AGAIN
00
RW
This field sets the gain of the ALS sensor.
Value
Gain
01x
14x
216x
364x
Addr: 0x91
REVID
Bit
Bit Name
Default
Access
Bit Description
7:3
Reserved
...
RO
Reserved
2:0
REV_ID
Rev
RO
Device revision number
Addr: 0x92
ID
Bit
Bit Name
Default
Access
Bit Description
7:2
ID
111001
RO
Device type identification.
1:0
Reserved
...
RO
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com