Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD27253M Datasheet(PDF) 6 Page - ams AG

Part # TMD27253M
Description  The device features advanced proximity measurement
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD27253M Datasheet(HTML) 6 Page - ams AG

Back Button TMD27253M Datasheet HTML 2Page - ams AG TMD27253M Datasheet HTML 3Page - ams AG TMD27253M Datasheet HTML 4Page - ams AG TMD27253M Datasheet HTML 5Page - ams AG TMD27253M Datasheet HTML 6Page - ams AG TMD27253M Datasheet HTML 7Page - ams AG TMD27253M Datasheet HTML 8Page - ams AG TMD27253M Datasheet HTML 9Page - ams AG TMD27253M Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
Page 6
ams Datasheet
Document Feedback
[v1-11] 2016-Sep-20
TMD2725 − Electrical Characteristics
Figure 8:
Proximity Optical Characteristics of TMD2725
Note(s):
1. Production tested result is the average of 5 readings expressed relative to a calibrated response.
2. Representative result by characterization.
3. Production tested result is the average of 20 readings divided by the maximum proximity value 255.
Parameter
Conditions
Min
Typ
Max
Unit
Part to part variation (1)
Conditions:
PGAIN = 2 (4x)
PLDRIVE = 8 (54mA)
PPULSE = 15 (16 pulses)
PPULSE_LEN = 1 (8μs)
d=23mm round target
30mm target distance
75
100
125
%
Response, absolute
Basic proximity measurement (2)
Conditions:
PGAIN = 2 (4x),
PLDRIVE = 16 (102mA)
PPULSE = 15 (16 pulses)
PPULSE_LEN = 2 (16μs)
Target material:
90% reflective surface of Kodak
gray card
Target Size: 100mm x 100mm
Target Distance: 100mm
128
160
192
Counts
Response, no target
PGAIN = 2 (4x)
ILEDDRIVE = 16 (102mA)
PPULSE = 16 (17 Pulses)
Pulse Length = 2 (16μS)
020
Noise/Signal (3)
PGAIN = 2 (4x)
IRLEDDRIVE = 8 (54mA)
PPULSE = 15 (16 pulses)
PPULSE_LEN = 1 (8μs)
d=23mm round target
30mm target distance
1.2
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com