Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVP7002IPZP Datasheet(PDF) 24 Page - Texas Instruments

Part # TVP7002IPZP
Description  TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TVP7002IPZP Datasheet(HTML) 24 Page - Texas Instruments

Back Button TVP7002IPZP Datasheet HTML 20Page - Texas Instruments TVP7002IPZP Datasheet HTML 21Page - Texas Instruments TVP7002IPZP Datasheet HTML 22Page - Texas Instruments TVP7002IPZP Datasheet HTML 23Page - Texas Instruments TVP7002IPZP Datasheet HTML 24Page - Texas Instruments TVP7002IPZP Datasheet HTML 25Page - Texas Instruments TVP7002IPZP Datasheet HTML 26Page - Texas Instruments TVP7002IPZP Datasheet HTML 27Page - Texas Instruments TVP7002IPZP Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 58 page
background image
Power
Reset
I C
2
5 ms
1 µs
TVP7002
SLES206C – MAY 2007 – REVISED APRIL 2013
www.ti.com
Power Up, Reset, and Initialization
No specific power-up sequence is required, but all power supplies should be active and stable within 500 ms of
each other. RESETB may be low during power up, but must remain low for at least 1
μs after the power supplies
become stable. Alternatively, reset may be asserted any time with minimum 5-ms delay after power-up and must
remain asserted for at least 1
μs. Reset timing is shown in Figure 7. I2C SCL and SDA signals must not change
state until the TVP7002 reset sequence has been completed. Keeping RESETB low prior to any I2C activity will
prevent this. Table 11 shows the status of the TVP7002 terminals during and immediately after reset.
Table 11. Output Mode Per Reset Sequence State
OUTPUT MODE
SIGNAL NAME
DURING RESET
RESET COMPLETED
Default condition
R[9:0], B[9:0], G[9:0]
High impedance
(see bit 0 of subaddress 17h)
Default condition
HSOUT, VSOUT, FIDOUT, DATACLK
High impedance
(see bit 0 of subaddress 17h)
Default condition
SOGOUT
High impedance
(see bit 1 of subaddress 17h)
Figure 7. Reset Timing
24
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: TVP7002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com