Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVP7002IPZP Datasheet(PDF) 25 Page - Texas Instruments

Part # TVP7002IPZP
Description  TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TVP7002IPZP Datasheet(HTML) 25 Page - Texas Instruments

Back Button TVP7002IPZP Datasheet HTML 21Page - Texas Instruments TVP7002IPZP Datasheet HTML 22Page - Texas Instruments TVP7002IPZP Datasheet HTML 23Page - Texas Instruments TVP7002IPZP Datasheet HTML 24Page - Texas Instruments TVP7002IPZP Datasheet HTML 25Page - Texas Instruments TVP7002IPZP Datasheet HTML 26Page - Texas Instruments TVP7002IPZP Datasheet HTML 27Page - Texas Instruments TVP7002IPZP Datasheet HTML 28Page - Texas Instruments TVP7002IPZP Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 58 page
background image
TVP7002
www.ti.com
SLES206C – MAY 2007 – REVISED APRIL 2013
CONTROL REGISTERS
The TVP7002 is initialized and controlled by a set of internal registers that define the operating parameters of the
entire device. Communication between the external controller and the TVP7002 is through a standard I2C host
port interface, as previously described.
Table 12 shows the summary of these registers. Detailed programming information for each register is described
in the following sections.
Table 12. Control Registers Summary(1) (2)
REGISTER NAME
I2C SUBADDRESS
DEFAULT
R/W(3)
Chip Revision
00h
02h
R
H-PLL Feedback Divider MSBs
01h
67h
R/W
H-PLL Feedback Divider LSBs
02h
20h
R/W
H-PLL Control
03h
A8h
R/W
H-PLL Phase Select
04h
80h
R/W
Clamp Start
05h
32h
R/W
Clamp Width
06h
20h
R/W
HSYNC Output Width
07h
20h
R/W
Blue Fine Gain
08h
00h
R/W
Green Fine Gain
09h
00h
R/W
Red Fine Gain
0Ah
00h
R/W
Blue Fine Offset MSBs
0Bh
80h
R/W
Green Fine Offset MSBs
0Ch
80h
R/W
Red Fine Offset MSBs
0Dh
80h
R/W
Sync Control 1
0Eh
5Bh
R/W
H-PLL and Clamp Control
0Fh
2Eh
R/W
Sync On Green Threshold
10h
5Dh
R/W
Sync Separator Threshold
11h
20h
R/W
H-PLL Pre-Coast
12h
00h
R/W
H-PLL Post-Coast
13h
00h
R/W
Sync Detect Status
14h
R
Output Formatter
15h
04h
R/W
MISC Control 1
16h
11h
R/W
MISC Control 2
17h
03h
R/W
MISC Control 3
18h
00h
R/W
Input Mux Select 1
19h
00h
R/W
Input Mux Select 2
1Ah
C2h
R/W
Blue and Green Coarse Gain
1Bh
77h
R/W
Red Coarse Gain
1Ch
07h
R/W
Fine Offset LSBs
1Dh
00h
R/W
Blue Coarse Offset
1Eh
10h
R/W
Green Coarse Offset
1Fh
10h
R/W
Red Coarse Offset
20h
10h
R/W
HSOUT Output Start
21h
0Dh
R/W
MISC Control 4
22h
08h
R/W
Blue Digital ALC Output LSBs
23h
R
Green Digital ALC Output LSBs
24h
R
(1)
For proper operation of the TVP7002 device, the default settings for all register locations designated as "Reserved" in the register map
summary should never be changed from the values provided.
(2)
For registers with reserved bits, a 0b must be written to reserved bit locations, unless otherwise stated.
(3)
R = Read only, W = Write only, R/W = Read/Write
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: TVP7002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com