Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVP7002IPZP Datasheet(PDF) 26 Page - Texas Instruments

Part # TVP7002IPZP
Description  TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TVP7002IPZP Datasheet(HTML) 26 Page - Texas Instruments

Back Button TVP7002IPZP Datasheet HTML 22Page - Texas Instruments TVP7002IPZP Datasheet HTML 23Page - Texas Instruments TVP7002IPZP Datasheet HTML 24Page - Texas Instruments TVP7002IPZP Datasheet HTML 25Page - Texas Instruments TVP7002IPZP Datasheet HTML 26Page - Texas Instruments TVP7002IPZP Datasheet HTML 27Page - Texas Instruments TVP7002IPZP Datasheet HTML 28Page - Texas Instruments TVP7002IPZP Datasheet HTML 29Page - Texas Instruments TVP7002IPZP Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 58 page
background image
TVP7002
SLES206C – MAY 2007 – REVISED APRIL 2013
www.ti.com
Table 12. Control Registers Summary(1) (2) (continued)
REGISTER NAME
I2C SUBADDRESS
DEFAULT
R/W(3)
Red Digital ALC Output LSBs
25h
R
Automatic Level Control Enable
26h
80h
R/W
Digital ALC Output MSBs
27h
R
Automatic Level Control Filter
28h
53h
R/W
Reserved
29h
08h
R/W
Fine Clamp Control
2Ah
07h
R/W
Power Control
2Bh
00h
R/W
ADC Setup
2Ch
50h
R/W
Coarse Clamp Control
2Dh
00h
R/W
SOG Clamp
2Eh
80h
R/W
RGB Coarse Clamp Control
2Fh
8Ch
R/W
SOG Coarse Clamp Control
30h
04h
R/W
ALC Placement
31h
5Ah
R/W
Reserved
32h
18h
R/W
Reserved
33h
60h
R/W
Macrovision Stripper Width
34h
03h
R/W
VSYNC Alignment
35h
10h
R/W
Sync Bypass
36h
00h
R/W
Lines Per Frame Status
37h–38h
R
Clocks Per Line Status
39h–3Ah
R
HSYNC Width
3Bh
R
VSYNC Width
3Ch
R
Line Length Tolerance
3Dh
03h
R/W
Reserved
3Eh
04h
R/W
Video Bandwidth Control
3Fh
00h
R/W
AVID Start Pixel
40h–41h
012Ch
R/W
AVID Stop Pixel
42h–43h
062Ch
R/W
VBLK Field 0 Start Line Offset
44h
05h
R/W
VBLK Field 1 Start Line Offset
45h
05h
R/W
VBLK Field 0 Duration
46h
1Eh
R/W
VBLK Field 1 Duration
47h
1Eh
R/W
F-bit Field 0 Start Line Offset
48h
00h
R/W
F-bit Field 1 Start Line Offset
49h
00h
R/W
1st CSC Coefficient
4Ah–4Bh
16E3h
R/W
2nd CSC Coefficient
4Ch–4Dh
024Fh
R/W
3rd CSC Coefficient
4Eh–4Fh
06CEh
R/W
4th CSC Coefficient
50h–51h
F3ABh
R/W
5th CSC Coefficient
52h–53h
1000h
R/W
6th CSC Coefficient
54h–55h
FC55h
R/W
7th CSC Coefficient
56h–57h
F178h
R/W
8th CSC Coefficient
58h–59h
FE88h
R/W
9th CSC Coefficient
5Ah–5Bh
1000h
R/W
Reserved
5Ch–5Dh
0000h
R/W
Reserved
5Eh–FFh
0000h
R/W
26
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: TVP7002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com