Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN1723 Datasheet(PDF) 21 Page - Microchip Technology

Part # RN1723
Description  2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN1723 Datasheet(HTML) 21 Page - Microchip Technology

Back Button RN1723 Datasheet HTML 17Page - Microchip Technology RN1723 Datasheet HTML 18Page - Microchip Technology RN1723 Datasheet HTML 19Page - Microchip Technology RN1723 Datasheet HTML 20Page - Microchip Technology RN1723 Datasheet HTML 21Page - Microchip Technology RN1723 Datasheet HTML 22Page - Microchip Technology RN1723 Datasheet HTML 23Page - Microchip Technology RN1723 Datasheet HTML 24Page - Microchip Technology RN1723 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
 2015 Microchip Technology Inc.
DS70005224A-page 21
RN1723
4.4
Australia
The Australia radio regulations do not provide a modu-
lar approval policy similar to the United States (FCC)
and Canada (IC). However, RN1723 module RF trans-
mitter test reports can be used in part to demonstrate
compliance in accordance with ACMA Radio communi-
cations “Short Range Devices” Standard 2004 (The
Short Range Devices standard calls up the AS/NZS
4268:2008 industry standard). The RN1723 module
test reports can be used as part of the product certifica-
tion and compliance folder. For more information on the
RF
transmitter
test
reports,
contact
Microchip
Technology Australia sales office.
To meet overall Australian final product compliance, the
developer must construct a compliance folder contain-
ing all relevant compliance test reports e.g. RF, EMC,
electrical safety and DoC (Declaration of Conformity)
etc. It is the responsibility of the integrator to know what
is required in the compliance folder for ACMA compli-
ance. All test reports are available on the RN1723
product web page at http://www.microchip.com. For
more information on Australia compliance, refer to the
Australian Communications and Media Authority web
site http://www.acma.gov.au/.
4.4.1
EXTERNAL ANTENNA
REQUIREMENTS
The compliance testing listed in Table 4-1 was per-
formed using the antenna types listed in Table 3-1.
4.4.2
HELPFUL WEB SITES
The Australian Communications and Media Authority:
www.acma.gov.au/.
4.5
New Zealand
The New Zealand radio regulations do not provide a
modular approval policy similar to the United States
(FCC) and Canada (IC). However, RN1723 module RF
transmitter test reports can be used in part to demon-
strate compliance against the New Zealand “General
User Radio License for Short Range Devices”. New
Zealand Radio communications (Radio Standards)
Notice 2010 calls up the AS / NZS 4268:2008 industry
standard. The RN1723 module test reports can be
used as part of the product certification and compliance
folder. All test reports are available on the RN1723
product web page at http://www.microchip.com. For
more information on the RF transmitter test reports,
contact Microchip Technology sales office.
Information on the New Zealand short range devices
license can be found in the following web links:
http://www.rsm.govt.nz/cms/licensees/types-ofli-
cence/general-user-licences/short-range-devices
http://www.rsm.govt.nz/cms/policy-and-planning/
spectrum-policy-overview/legislation/gazette-
notices/product-compliance/
To meet overall New Zealand final product compliance,
the developer must construct a compliance folder con-
taining all relevant compliance test reports e.g. RF,
EMC, electrical safety and DoC (Declaration of Confor-
mity) etc. It is the responsibility of the developer to
know what is required in the compliance folder for New
Zealand Radio communications. For more information
on New Zealand compliance, refer to the web site
http://www.rsm.govt.nz/.
4.5.1
EXTERNAL ANTENNA
REQUIREMENTS
The compliance testing listed in Table 4-1 was
performed using the antenna types listed in Table 3-1.
4.5.2
HELPFUL WEB SITES
Radio Spectrum Ministry of Economic Development:
http://www.rsm.govt.nz/.
4.6
Other Regulatory Jurisdictions
Should other regulatory jurisdiction certification be
required by the customer, or the customer need to
recertify the module for other reasons, a certification
utility is available. For further regulatory certification
utility
and
documentation,
contact
your
local
Microchip Technology sales office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com