Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN1723 Datasheet(PDF) 18 Page - Microchip Technology

Part # RN1723
Description  2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN1723 Datasheet(HTML) 18 Page - Microchip Technology

Back Button RN1723 Datasheet HTML 14Page - Microchip Technology RN1723 Datasheet HTML 15Page - Microchip Technology RN1723 Datasheet HTML 16Page - Microchip Technology RN1723 Datasheet HTML 17Page - Microchip Technology RN1723 Datasheet HTML 18Page - Microchip Technology RN1723 Datasheet HTML 19Page - Microchip Technology RN1723 Datasheet HTML 20Page - Microchip Technology RN1723 Datasheet HTML 21Page - Microchip Technology RN1723 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
RN1723
DS70005224A-page 18
 2015 Microchip Technology Inc.
4.1.2
RF EXPOSURE
All transmitters regulated by FCC must comply with RF
exposure requirements. KDB 447498 General RF
Exposure Guidance provides guidance in determining
whether proposed or existing transmitting facilities,
operations or devices comply with limits for human
exposure to Radio Frequency (RF) fields adopted by
the Federal Communications Commission (FCC).
From the FCC Grant: Modular approval. Output power
listed is conducted. This module may only be installed
by the OEM or an OEM integrator. Only antenna(s)
documented in this filing may be used with this trans-
mitter. The antenna(s) used for this transmitter must be
installed to provide a separation distance of at least 20
cm from all persons and must not be collocated or
operating in conjunction with any other antenna or
transmitter within a host device, except in accordance
with FCC multi-transmitter product procedures. OEM
integrators and End-users and installers must be pro-
vided with antenna installation instructions and trans-
mitter operating conditions for satisfying RF exposure
compliance.
4.1.3
APPROVED EXTERNAL ANTENNA
TYPES
To maintain modular approval in the United States,
only the antenna types that have been tested shall
be used. It is permissible to use different antenna
manufacturers provided the same antenna type that
has
similar
in-band
and
out-of-band
radiation
patterns and antenna gain (equal to or less than) is
used.
Modular approval testing of the RN1723 module was
performed with the antenna types listed in Table 3-1.
4.1.4
HELPFUL WEB SITES
• Federal Communications Commission (FCC):
http://www.fcc.gov
• FCC Office of Engineering and Technology (OET)
Laboratory Division Knowledge Database (KDB):
http://apps.fcc.gov/oetcf/kdb/index.cfm
4.2
Canada
The RN1723 module has been certified for use in
Canada under Industry Canada (IC) Radio Standards
Specification (RSS) RSS-210 and RSSGen. Modular
approval permits the installation of a module in a
host device without the need to recertify the device.
4.2.1
LABELING AND USER
INFORMATION REQUIREMENTS
Labeling Requirements for the Host Device (from
Section 3.2.1, RSS-Gen, Issue 3, December 2010):
The host device shall be properly labeled to identify
the module within the host device.
The Industry Canada certification label of a module
shall be clearly visible at all times when installed in
the host device, otherwise the host device must be
labeled to display the Industry Canada certification
number of the module, preceded by the words
“Contains
transmitter
module”,
or
the
word
“Contains”, or similar wording expressing the same
meaning, as follows:
User
Manual
Notice
for
License-Exempt
Radio
Apparatus (from Section 7.1.3 RSS-Gen, Issue 3,
December 2010): User manuals for license-exempt
radio
apparatus
shall
contain
the
following
or
equivalent notice in a conspicuous location in the
user manual or alternatively on the device or both:
Transmitter Antenna (from Section 7.1.2 RSS-Gen,
Issue
3,
December
2010):
User
manuals
for
transmitters shall display the following notice in a
conspicuous location:
The above notice may be affixed to the device instead
of displayed in the user manual.
Contains transmitter module IC: 7693A-RN1723
This
device
complies
with
Industry
Canada
license-exempt
RSS
standard(s).
Operation
is
subject to the following two conditions: (1) this
device may not cause interference, and (2) this
device must accept any interference, including
interference that may cause undesired operation of
the device.
Le présent appareil est conforme aux CNR d'Indus-
trie Canada applicables aux appareils radio exempts
de licence. L'exploitation est autorisée aux deux
conditions suivantes: (1) l'appareil ne doit pas
produire de brouillage, et (2) l'utilisateur de l'appareil
doit accepter tout brouillage radioélectrique subi,
même
si
le
brouillage
est
susceptible
d'en
compromettre le fonctionnement.
Under Industry Canada regulations, this radio
transmitter may only operate using an antenna of
a type and maximum (or lesser) gain approved for
the transmitter by Industry Canada. To reduce
potential radio interference to other users, the
antenna type and its gain should be so chosen
that the equivalent isotropically radiated power
(e.i.r.p.) is not more than that necessary for
successful communication.
Conformément
à
la
réglementation
d'Industrie
Canada, le présent émetteur radio peut fonctionner
avec une antenne d'un type et d'un gain maximal (ou
inférieur) approuvé pour l'émetteur par Industrie
Canada. Dans le but de réduire les risques de
brouillage radioélectrique à l'intention des autres
utilisateurs, il faut choisir le type d'antenne et son
gain de sorte que la puissance isotrope rayonnée
équivalente (p.i.r.e.) ne dépasse pas l'intensité
nécessaire à l'établissement d'une communication
satisfaisante.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com