Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN1723 Datasheet(PDF) 14 Page - Microchip Technology

Part # RN1723
Description  2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN1723 Datasheet(HTML) 14 Page - Microchip Technology

Back Button RN1723 Datasheet HTML 10Page - Microchip Technology RN1723 Datasheet HTML 11Page - Microchip Technology RN1723 Datasheet HTML 12Page - Microchip Technology RN1723 Datasheet HTML 13Page - Microchip Technology RN1723 Datasheet HTML 14Page - Microchip Technology RN1723 Datasheet HTML 15Page - Microchip Technology RN1723 Datasheet HTML 16Page - Microchip Technology RN1723 Datasheet HTML 17Page - Microchip Technology RN1723 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
RN1723
DS70005224A-page 14
 2015 Microchip Technology Inc.
The stand-alone boost circuitry is shown in Figure 2-5.
FIGURE 2-5:
POWER SUPPLY FOR BATTERY (1.8V TO 3.3V)
2.10
Module Reset
There are several ways to Reset the module:
• A Power-on Reset (POR) is generated
automatically when power is applied. This Reset is
intended to initialize the module when a new
battery is connected
• Perform an external POR by pulling the RESET
pin low
• Perform a soft POR using software commands
• A Reset can be triggered by a critical event, such
as a brown-out, which is generated if the supply
voltage drops below the minimum operating
voltage
2.10.1
BROWN-OUT DETECTION
The RN1723 includes a brown-out detector that holds
the module in Reset if the battery voltage falls below
the minimum operating voltage.
SREG_3V3_CTRL (48)
Battery
1.8V to 3.7V
VBATT (49)
VDD (10, 34)
Siliconix
Si2312DS
20 µF
1 µH
RN1723
Note:
If the RN1723 module is used in battery
applications, it is highly recommended
that a voltage supervisory device be
employed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com