Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN1723 Datasheet(PDF) 23 Page - Microchip Technology

Part # RN1723
Description  2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN1723 Datasheet(HTML) 23 Page - Microchip Technology

Back Button RN1723 Datasheet HTML 19Page - Microchip Technology RN1723 Datasheet HTML 20Page - Microchip Technology RN1723 Datasheet HTML 21Page - Microchip Technology RN1723 Datasheet HTML 22Page - Microchip Technology RN1723 Datasheet HTML 23Page - Microchip Technology RN1723 Datasheet HTML 24Page - Microchip Technology RN1723 Datasheet HTML 25Page - Microchip Technology RN1723 Datasheet HTML 26Page - Microchip Technology RN1723 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
 2015 Microchip Technology Inc.
DS70005224A-page 23
RN1723
5.0
ELECTRICAL CHARACTERISTICS
TABLE 5-1:
ENVIRONMENTAL CONDITIONS
Parameter
Value
Temperature Range (Operating)
-40º C to 85º C
Temperature Range (Storage)
-40º C to 85º C
Relative Humidity (Operating)
90%
Relative Humidity (Storage)
90%
Moisture Sensitivity Level
1
TABLE 5-2:
ELECTRICAL CHARACTERISTICS
Characteristic
Minimum
Typical
Maximum
Units
Supply Voltage
VBATT
1.8
3.3
3.7
VDC
VDD_3V3
-0.3
—
3.7
VDC
VDD
3.0
—
3.7
V
Digital Input
Input Logic High VIH
2.3
—
—
VDC
Input Logic Low VIL
——
1.0
VDC
Digital Output Drive
GPIO 4, 5, 6, 7, 8
—
24
—
mA
GPIO 9, 10, 11, 12, 13
—
8
—
mA
Power Consumption
Sleep
—
4
—
µA
Stand-by (Doze)
—
15
—
mA
Connected (Idle, RX)
—
40
—
mA
Connected (TX) 0 dBm
—
120
—
mA
Connected (TX) 12 dBm
—190
—
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com