Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8405 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS8405
Description  96 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8405 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS8405 Datasheet HTML 2Page - Cirrus Logic CS8405 Datasheet HTML 3Page - Cirrus Logic CS8405 Datasheet HTML 4Page - Cirrus Logic CS8405 Datasheet HTML 5Page - Cirrus Logic CS8405 Datasheet HTML 6Page - Cirrus Logic CS8405 Datasheet HTML 7Page - Cirrus Logic CS8405 Datasheet HTML 8Page - Cirrus Logic CS8405 Datasheet HTML 9Page - Cirrus Logic CS8405 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
CS8405A
6
DS469PP4
SWITCHING CHARACTERISTICS - SERIAL AUDIO PORTS
(TA = 25 °C for suffixes ‘CS’ &’CZ’, TA = -40 to 85°C for ‘IS’ & ‘IZ’ ; VD+ = 5V±10%, VL+ = 3/5V ±5/10%, Inputs:
Logic 0 = 0 V, Logic 1 = VL+; CL =20 pF)
Notes: 5. The active edge of ISCLK is programmable.
6. The polarity of ILRCK is programmable.
7. No more than 128 SCLK per frame.
8. This delay is to prevent the previous ISCLK edge from being interpreted as the first one after ILRCK has
changed.
9. This setup time ensures that this ISCLK edge is interpreted as the first one after ILRCK has changed.
Parameter
Symbol
Min
Typ
Max
Units
SDIN Setup Time Before ISCLK Active Edge
(Note 5)
tds
20
-
-
ns
SDIN Hold Time After ISCLK Active Edge
(Note 5)
tdh
20
-
-
ns
Master Mode
OMCK to ISCLK active edge delay
(Note 5)
tsmd
0
-
10
ns
OMCK to ILRCK delay
(Note 6)
tlmd
0
-
10
ns
ISCLK and ILRCK Duty Cycle
-
50
-
%
Slave Mode
ISCLK Period
(Note 7)
tsckw
36
-
-
ns
ISCLK Input Low Width
tsckl
14
-
-
ns
ISCLK Input High Width
tsckh
14
-
-
ns
ISCLK Active Edge to ILRCK Edge
(Note 5,6,8)
tlrckd
20
-
-
ns
ILRCK Edge Setup Before ISCLK Active Edge
(Note 5,6,9)
tlrcks
20
-
-
ns
ISCLK
ILRCK
(output)
(output)
OMCK
(input)
t
smd
t
lmd
sckh
sckl
sckw
t
t
t
(input)
(input)
SDIN
dh
t
ds
t
lrcks
t
lrckd
t
ISCLK
ILRCK
Figure 1. Audio Port Master Mode Timing
Figure 2. Audio Port Slave Mode and Data Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com