Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8405 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS8405
Description  96 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8405 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS8405 Datasheet HTML 25Page - Cirrus Logic CS8405 Datasheet HTML 26Page - Cirrus Logic CS8405 Datasheet HTML 27Page - Cirrus Logic CS8405 Datasheet HTML 28Page - Cirrus Logic CS8405 Datasheet HTML 29Page - Cirrus Logic CS8405 Datasheet HTML 30Page - Cirrus Logic CS8405 Datasheet HTML 31Page - Cirrus Logic CS8405 Datasheet HTML 32Page - Cirrus Logic CS8405 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
CS8405A
DS469PP4
29
CEN
16
CBit Enable (Input) - Determines how the channel status data bits are input. When CEN is low, hard-
ware mode A is selected, where the COPY/C, ORIG, EMPH and AUDIO pins are used to enter selected
channel status data. When CEN is high, hardware mode B is selected, where the COPY/C pin is used to
enter serial channel status data.
V
17
Validity Bit (Input) - In hardware modes A and B, the V pin input determines the state of the validity bit
in the outgoing AES3 transmitted data. This pin is sampled on both edges of the ILRCK.
U
18
User Data Bit (Input) - In hardware modes A and B, the U pin input determines the state of the user
data bit in the outgoing AES3 transmitted data. This pin is sampled on both edges of the ILRCK.
AUDIO
19
Audio Channel Status Bit (Input) - InhardwaremodeA(CEN =0), theAUDIO pin determines the state
of the audio/non audio Channel Status bit in the outgoing AES3 data stream.
OMCK
21
Master Clock (Input) - The frequency must be only 256x the sample rate.
H/S
24
Hardware/Software Control Mode Select (Input) -Determines the method of controlling the operation
of the CS8405A, and the method of accessing CS and U data. In software mode, device control and CS
and U data access is primarily through the control port, using a microcontroller. Hardware mode pro-
vides an alternate mode of operation, and access to CS and U data is provided by dedicated pins. This
pin should be permanently tied to VL+ or DGND.
TXN
TXP
25
26
Differential Line Drivers (Output) - Transmitting AES3 data. The drivers are pulled low while the
CS8405A is in the reset state.
ORIG
28
ORIG Channel Status Bit Control (Input) - In hardware mode A (CEN = 0), the ORIG and COPY/C
pins determine the state of the Copyright, Pro, and L Channel Status bits in the outgoing AES3 data
stream, see Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com