Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8405 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS8405
Description  96 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8405 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS8405 Datasheet HTML 12Page - Cirrus Logic CS8405 Datasheet HTML 13Page - Cirrus Logic CS8405 Datasheet HTML 14Page - Cirrus Logic CS8405 Datasheet HTML 15Page - Cirrus Logic CS8405 Datasheet HTML 16Page - Cirrus Logic CS8405 Datasheet HTML 17Page - Cirrus Logic CS8405 Datasheet HTML 18Page - Cirrus Logic CS8405 Datasheet HTML 19Page - Cirrus Logic CS8405 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
CS8405A
16
DS469PP4
7.
CONTROL PORT REGISTER SUMMARY
7.1
MEMORY ADDRESS POINTER (MAP)
INCR - Auto Increment Address Control Bit
Default = ‘0’
0 - Disable
1- Enable
MAP6:MAP0 - Register Address
Note:
Reserved registers must not be written to during normal operation. Some reserved registers are used for
test modes, which can completely alter the normal operation of the CS8405A.
Addr
Function
7
6
5
4
3
2
1
0
0
Reserved
0
0
0
0
0
0
0
0
1
Control 1
0
VSET
0
MUTEAES
0
INT1
INT0
TCBLD
2
Control 2
0
0
0
0
0
MMT
MMCST
MMTLR
3
Data Flow Control
0
TXOFF
AESBP
0
0
0
0
0
4
Clock Source Control
0
RUN
CLK1
CLK0
0
0
0
0
5
Serial Input Format
SIMS
SISF
SIRES1
SIRES0
SIJUST SIDEL
SISPOL SILRPOL
6
Reserved
0
0
0
0
0
0
0
0
7
Interrupt 1 Status
TSLIP
0
0
0
0
0
EFTC
0
8
Interrupt 2 Status
0
0
0
0
0
EFTU
0
0
9
Interrupt 1 Mask
TSLIPM
0
0
0
0
0
EFTCM
0
A
Interrupt 1 Mode (MSB) TSLIP1
0
0
0
0
0
EFTC1
0
B
Interrupt 1 Mode (LSB)
TSLIP0
0
0
0
0
0
EFTC0
0
C
Interrupt 2 Mask
0
0
0
0
0
EFTU
M
00
D
Interrupt 2 Mode (MSB)
0
0
0
0
0
EFTU1
0
0
E
Interrupt 2 Mode (LSB)
0
0
0
0
0
EFTU0
0
0
F-11 Reserved
0
0
0
0
0
0
0
0
12
CS Data Buffer Control
0
0
BSEL
0
0
EFTCI
CAM
0
13
U Data Buffer Control
0
0
0
UD
UBM1
UBM0
0
EFTUI
1E-1D Reserved
0
0
0
0
0
0
0
0
1F-37 C or U Data Buffer
7F
ID and Version
ID3
ID2
ID1
ID0
VER3
VER2
VER1
VER0
Table 1. Control Register Map Summary
7
6
5
43210
INCR
MAP6
MAP5
MAP4
MAP3
MAP2
MAP1
MAP0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com