Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8405 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS8405
Description  96 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8405 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS8405 Datasheet HTML 24Page - Cirrus Logic CS8405 Datasheet HTML 25Page - Cirrus Logic CS8405 Datasheet HTML 26Page - Cirrus Logic CS8405 Datasheet HTML 27Page - Cirrus Logic CS8405 Datasheet HTML 28Page - Cirrus Logic CS8405 Datasheet HTML 29Page - Cirrus Logic CS8405 Datasheet HTML 30Page - Cirrus Logic CS8405 Datasheet HTML 31Page - Cirrus Logic CS8405 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
CS8405A
28
DS469PP4
11. PIN DESCRIPTION - HARDWARE MODE
COPY/C
1
COPY Channel Status Bit/C Bit (Input) - In hardware mode A (CEN = 0), the COPY/C and ORIG pins
determine the state of the Copyright, Pro, and L Channel Status bits in the outgoing AES3 data stream,
see Table 2. In hardware mode B, the COPY/C pin becomes the direct C bit input data pin.
VL2+
VD+
VL3+
VL+
VL4+
2
6
20
23
27
Positive Digital Power (Input) - Typically +5 V. VD+ must be +5 V, the other VL+ pins may be operated
at (CEN = 0)+3.3 V
EMPH
3
Pre-Emphasis Indicator (Input) - In hardware mode A (CEN = 0), the EMPH pin low sets the 3 empha-
sis channel status bits to indicate 50/15
µs pre-emphasis of the transmitted audio data. If EMPH is high,
then the three EMPH channel status bits are set to 000, indicating no pre-emphasis.
SFMT0
SFMT1
4
5
Serial Audio Data Format Select (Input) - select the serial audio input port format. See Table 3.
DGND6
DGND3
DGND
7
8
22
Digital Ground (Input) - Ground for the digital section.
RST
9
Reset (Input)-When RST is low, the CS8405A enters a low power mode and all internal states are
reset. On initial power up, RST must be held low until the power supply is stable, and all input clocks are
stable in frequency and phase. This is particularly true in hardware mode with multiple CS8405A
devices, where synchronization between devices is important.
APMS
10
Serial Audio Data Port Master/Slave Select (Input) - APMS should be connected to VL+ to set serial
audio input port as a master or connected to DGND to set the port as a slave.
TCBLD
11
Transmit Channel Status Block Direction (Input) - Connect TCBLD to VL+ to set TCBL as an output.
Connect TCBLD to DGND to set TCBL as an input.
ILRCK
12
Serial Audio Input Left/Right Clock (Input/Output) - Word rate clock for the audio data on the SDIN
pin.
ISCLK
13
Serial Audio Bit Clock (Input/Output) - Serial bit clock for audio data on the SDIN pin.
SDIN
14
Serial Audio Data Port (Input) - Audio data serial input pin.
TCBL
15
Transmit Channel Status Block Start (Input/Output) - When operated as output, TCBL is high during
the first sub-frame of a transmitted channel status block, and low at all other times. When operated as
input, driving TCBL high for at least three OMCK clocks will cause the next transmitted sub-frame to be
the start of a channel status block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com