Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3910 Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP3910
Description  3V Two-Channel Analog Front End
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP3910 Datasheet HTML 24Page - Microchip Technology MCP3910 Datasheet HTML 25Page - Microchip Technology MCP3910 Datasheet HTML 26Page - Microchip Technology MCP3910 Datasheet HTML 27Page - Microchip Technology MCP3910 Datasheet HTML 28Page - Microchip Technology MCP3910 Datasheet HTML 29Page - Microchip Technology MCP3910 Datasheet HTML 30Page - Microchip Technology MCP3910 Datasheet HTML 31Page - Microchip Technology MCP3910 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 86 page
background image
MCP3910
DS20005116B-page 28
 2012-2014 Microchip Technology Inc.
4.19
ADC Reset Mode
ADC Reset mode (also called Soft Reset mode) can
only be entered in SPI mode through setting the
RESET<1:0> bits high in CONFIG1 register. This mode
is defined as the condition where the converters are
active, but their output is forced to 0.
The registers are not affected in this Reset mode and
retain their state, except the data registers of the
corresponding channel, which are reset to 0.
The ADCs can immediately output meaningful codes
after leaving the Reset mode (and after the sinc filter
settling time). This mode is both entered and exited
through bit settings in the CONFIG1 register.
Each converter can be placed in Soft Reset mode
independently. The configuration registers are not
modified by the Soft Reset mode. A data ready pulse
will not be generated by any ADC in Reset mode.
When an ADC exits ADC Reset mode, any phase delay
present before reset was entered will still be present. If
one ADC was not in Reset, the ADC leaving the Reset
mode will automatically resynchronize the phase delay
relative to the other ADC channel per the phase delay
register block, and will give data ready pulses
accordingly.
If an ADC is placed in Reset mode while the other is
converting, it does not shut down the internal clock.
When coming out of Reset, it will be automatically
resynchronized with the clock, which did not stop
during Reset.
However, when the two channels are in Soft Reset, the
input structure is still clocking if MCLK is applied in
order to properly bias the inputs, so that no leakage
current is observed. If MCLK is not applied, large ana-
log input leakage currents can be observed for highly
negative input voltages (typically below -0.6V referred
to AGND).
4.20
Hard Reset Mode (RESET = 0)
This mode is only available during a POR or when the
RESET pin is pulled low in the SPI mode. The RESET
pin logic-low state places the device in Hard Reset
mode. In this mode, all internal registers are reset to
their default state. In the 2-Wire Interface mode, the
RESET pin functionality is not available and the user
must use a watchdog timer reset to be able to fully reset
the part (see Section 7.4 “Watchdog Timer Reset,
Resetting the Part in 2-Wire Mode”
).
The DC biases for the analog blocks are still active, i.e.
the MCP3910 is ready to convert. However, this pin
clears all conversion data in the ADCs. The
comparators’ outputs of all ADCs are forced to their
Reset state (0011). The sinc filters are all reset as well
as their double output buffers. See serial timing for
minimum pulse low time in Section 1.0 “Electrical
Characteristics”
.
During
a
Hard
Reset,
no
communication with the part is possible. The digital
interface is maintained in a Reset state.
During this state, the clock MCLK can be applied to the
part in order to properly bias the input structures of all
channels. If not applied, large analog input leakage
currents can be observed for highly negative input
signals and, after removing the Hard Reset state, a
certain start up time is necessary to bias the input
structure properly. During this delay, the ADC
conversions can be inaccurate.
4.21
ADC Shutdown Mode
ADC Shutdown mode is defined as a state where the
converters and their biases are off, consuming only
leakage current. When the Shutdown bit is reset to ‘0’,
the analog biases will be enabled, as well as the clock
and the digital circuitry. The ADC will give a data ready
pulse after the sinc filter settling time has occurred.
However, since the analog biases are not completely
settled at the beginning of the conversion, the sampling
may not be accurate for about 1 ms (corresponding to
the settling time of the biasing under worst-case
conditions). In order to ensure accuracy, the data ready
pulse within the delay of 1 ms + settling time of the sinc
filter should be discarded.
Each converter can be placed in Shutdown mode
independently. The configuration registers are not
modified by the Shutdown mode. This mode is only
available in SPI mode through programming the
SHUTDOWN<1:0> bits of the CONFIG register.
The output data is flushed to all zeros while in ADC
Shutdown. No data ready pulses are generated by any
ADC while in ADC Shutdown mode.
When an ADC exits ADC Shutdown mode, any phase
delay present before Shutdown was entered will still be
present. If one ADC was not in Shutdown, the ADC
leaving Shutdown mode will automatically resynchro-
nize the phase delay relative to the other ADC channel
per the phase delay register block, and will give data
ready pulses accordingly.
If an ADC is placed in Shutdown mode while the other
is converting, it is not shutting down the internal clock.
When coming out of Shutdown, it will be automatically
resynchronized with the clock that did not stop during
reset.
If all ADCs are in ADC Shutdown mode, the clock is not
distributed to the input structure or to the digital core for
low-power operation. This can potentially cause high
analog input leakage currents at the analog inputs if the
input voltage is highly negative (typically below -0.6V
referred to AGND). Once either of the ADCs is back to
normal operation, the clock is automatically distributed
again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com