Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3910 Datasheet(PDF) 61 Page - Microchip Technology

Part # MCP3910
Description  3V Two-Channel Analog Front End
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910 Datasheet(HTML) 61 Page - Microchip Technology

Back Button MCP3910 Datasheet HTML 57Page - Microchip Technology MCP3910 Datasheet HTML 58Page - Microchip Technology MCP3910 Datasheet HTML 59Page - Microchip Technology MCP3910 Datasheet HTML 60Page - Microchip Technology MCP3910 Datasheet HTML 61Page - Microchip Technology MCP3910 Datasheet HTML 62Page - Microchip Technology MCP3910 Datasheet HTML 63Page - Microchip Technology MCP3910 Datasheet HTML 64Page - Microchip Technology MCP3910 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 86 page
background image
 2012-2014 Microchip Technology Inc.
DS20005116B-page 61
MCP3910
At low signal amplitude values (typically 1000:1
dynamic range and higher), the crosstalk between
channels, mainly caused by the PCB, becomes a sig-
nificant part of the perturbation as the measurement
error increases. The 1-point measurement error curves
in Figure 2-5 have been performed with a full-scale
sine wave on all the inputs that are not measured,
which means that these channels induce a maximum
amount of crosstalk on the measurement error curve.
In order to avoid such behavior, a 2-point calibration
can be put in place in the calculation section.
This 2-point calibration can be a simple linear interpo-
lation between two calibration points (one at high
amplitudes, one at low amplitudes at each end of the
dynamic range) and helps to significantly lower the
effect of crosstalk between channels. A 2-point calibra-
tion is very effective in maintaining the measurement
error close to zero on the whole dynamic range, since
the non-linearity and distortion of the MCP3910 is very
low. Figure 2-6 shows the measurement error curves
obtained with the same ADC data taken for Figure 2-5,
but where a 2-point calibration has been applied. The
difference is significant only at the low end of the
dynamic range, where all the perturbing factors are a
bigger part of the ADC output signals. These curves
show extremely tight measurement error across the full
dynamic range (here, typically 10,000:1), which is
required in high-accuracy class meters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com