Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3910 Datasheet(PDF) 57 Page - Microchip Technology

Part # MCP3910
Description  3V Two-Channel Analog Front End
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910 Datasheet(HTML) 57 Page - Microchip Technology

Back Button MCP3910 Datasheet HTML 53Page - Microchip Technology MCP3910 Datasheet HTML 54Page - Microchip Technology MCP3910 Datasheet HTML 55Page - Microchip Technology MCP3910 Datasheet HTML 56Page - Microchip Technology MCP3910 Datasheet HTML 57Page - Microchip Technology MCP3910 Datasheet HTML 58Page - Microchip Technology MCP3910 Datasheet HTML 59Page - Microchip Technology MCP3910 Datasheet HTML 60Page - Microchip Technology MCP3910 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 86 page
background image
 2012-2014 Microchip Technology Inc.
DS20005116B-page 57
MCP3910
8.0
BASIC APPLICATION
CONFIGURATION
8.1
Typical Isolated Power Metering
Applications
One of the main applications for MCP3910 is
energy/power measurements in systems where the
ADC needs to be isolated from the rest of the design.
Figure 8-1 can be used as a starting point for MCP3910
applications. This is typically the case in a polyphase
shunt-based power/energy metering or monitoring
application. In this case each phase needs to be iso-
lated from the rest of the design and since the sensor
is not providing this isolation, the isolation needs to be
provided at the output of the analog front-end.
The MCP3910 device is built to work seamlessly with a
large variety of 2-channel unidirectional digital isolators
(optocouplers, capacitive or inductive integrated digital
isolators with or without embedded power supplies).
The isolator used between MCU and ADC needs to be
fast enough to support the high-speed clock between
MCU and ADC and the data coming from ADC to MCU.
Data from ADC to MCU has the same speed as the
clock supplied by the MCU. Since the ADC is isolated
from MCU, it can be placed at any potential and so
shunts can be used as current sensors in three-phase
meter designs, even if they do not provide any galvanic
isolation.
To power the isolated ADC, an isolated DC/DC con-
verter (that can be embedded with the isolated data
communication channels, as in Figure 8-1) or other
structures that provide isolated power supplies (e.g, fly-
back converter) can be used.
For single-phase designs where isolation between
ADC and MCU is not required, the SPI connection is
also available.
This SPI interface could also be used with isolators, but
this would require four isolators instead of two (for the
2-Wire mode) and therefore this configuration is not
preferred.
FIGURE 8-1:
MCP3910 Three-Phase Shunt Energy Meter – Typical Application Schematic for Each
Phase.
3910A_SDO
A_GNDD
A_GNDA
A_GNDA
A_GNDA
10
R76
0.1uF
C52
10
R100
0.1uF
C43
10
R86
0.1uF
C9
A_GNDA
A_GNDA
A_GNDA
0.1uF
C46
A_3.3D
A_3.3A
1k
R25
A_GNDD
DR / GAIN1
14
DGND
11
AGND
8
CH0-
5
DVDD
2
OSC1/CLKI
15
SCK / MCLK
18
MDAT1
12
MDAT0
13
CH1-
6
CH1+
7
RFIN/OUT+
9
RFIN-
10
RESET / OSR0
1
AVDD
3
CH0+
4
CS / BOOST
17
OSC2 / MODE
16
SDO
19
SDI / OSR1
20
DR / GAIN1
DGND
AGND
CH0-
DVDD
OSC1/CLKI
SCK / MCLK
MDAT1
MDAT0
CH1-
CH1+
RFIN/OUT+
RFIN-
RESET / OSR0
AVDD
CH0+
CS / BOOST
OSC2 / MODE
SDO
SDI / OSR1
MCP3910
U3
MCP3910A1T/ISS
1
2
3
J24
1
2
3
J25
A_3.3D
1k
R80
A_GNDD
1
2
3
J26
1
2
3
J27
1
2
3
J28
HIGH
LOW
HIGH
LOW
LOW
LOW
HIGH
HIGH
GAIN1
GAIN0
BOOST
OSR1
OSR0
HIGH
LOW
1k
R79
3910A_CLKIN
10
R87
3910A_SDO
A_GNDD
A_3.3D
3910A_CLKIN
3910_CLKIN_MCU_A
PHASE A
A_3.3D
A_3.3D
A_3.3A
A_GNDA
VBT1-S5-S5
-Vin
1
+Vin
2
+Vout
5
-Vout
4
-Vin
+Vin
+Vout
-Vout
DC
DC
U7
4.7uF
C63
MCP1754-3.3V
VIN
3
VOUT
2
VIN
VOUT
U18
A_GNDD
0.1uF
C57
4.7uF
C22
5V
L2
GND
3.3D
GND
0.1uF
0603
C68
3.3D
GND
0.1uF
0603
C60
A_3.3D
A_GNDD
NT3
3910A_SDO_MCU/RC3
VDD1
1
VOA
2
VIB
3
GND1
4
VDD2
8
VIA
7
VOB
6
GND2
5
VDD1
VOA
VIB
GND1
VDD2V
V
VIA
VOB
GND2G
G
FOD8012
U21
A_GNDA
A_GNDA
A_GNDA
330k
R8
A_GNDA
A_GNDA
0.1uF
C5
1k
R5
1k
R4
330k
R9
0.1uF
C1
HIGH
LINE_SHUNT1
LINE_SHUNT2
Via_1.6x1
CP1
Via_1.6x1
CP2
DNP
R3
DNP
R6
FB2
FB3
FB1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com