Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3910 Datasheet(PDF) 59 Page - Microchip Technology

Part # MCP3910
Description  3V Two-Channel Analog Front End
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910 Datasheet(HTML) 59 Page - Microchip Technology

Back Button MCP3910 Datasheet HTML 55Page - Microchip Technology MCP3910 Datasheet HTML 56Page - Microchip Technology MCP3910 Datasheet HTML 57Page - Microchip Technology MCP3910 Datasheet HTML 58Page - Microchip Technology MCP3910 Datasheet HTML 59Page - Microchip Technology MCP3910 Datasheet HTML 60Page - Microchip Technology MCP3910 Datasheet HTML 61Page - Microchip Technology MCP3910 Datasheet HTML 62Page - Microchip Technology MCP3910 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 86 page
background image
 2012-2014 Microchip Technology Inc.
DS20005116B-page 59
MCP3910
FIGURE 8-4:
Separation of Analog and
Digital Circuits on Layout.
Figure 8-5 shows a more detailed example with a direct
connection to a high-voltage line (e.g., a two-wire 120V
or 220V system). A current-sensing shunt is used for
current measurement on the high/line side that also
supplies the ground for the system. This is necessary
as the shunt is directly connected to the channel input
pins of the MCP3910. To reduce sensitivity to external
influences, such as EMI, these two wires should form a
twisted pair, as noted in Figure 8-5. The power supply
and MCU are separated on the right side of the PCB,
surrounded by the digital ground plane. The MCP3910
is kept on the left side, surrounded by the analog
ground plane. There are two separate power supplies
going to the digital section of the system and the analog
section, including the MCP3910. With this placement,
there are two separate current supply paths and cur-
rent return paths, IA and ID.
FIGURE 8-5:
Connection Diagram.
The ferrite bead between the digital and analog ground
planes helps keep high-frequency noise from entering
the device. This ferrite bead is recommended to be low
resistance; most often it is a THT component. Ferrite
beads are typically placed on the shunt inputs and into
the power supply circuit for additional protection.
8.3
SPI Interface Digital Crosstalk
The MCP3910 incorporates a high-speed 20 MHz SPI
digital interface. This interface can induce a crosstalk,
if it is running at its full speed without any precautions.
The crosstalk is caused by the switching noise created
by the digital SPI signals (also called ground bouncing).
This crosstalk would negatively impact the SNR in this
case. The noise is attenuated if a proper separation
between the analog and digital power supplies is put in
place (see Section 8.2 “Power Supply Design and
Bypassing”
). In order to further remove the influence
of the SPI communication on measurement accuracy,
it is recommended to add series resistors on the SPI
lines to reduce the current spikes caused by the digital
switching noise (see Figure 8-1 where these resistors
have been implemented). The resistors also help to
keep the level of electromagnetic emissions low. The
measurement graphs provided in this data sheet have
been performed with 100
 series resistors connected
on each SPI I/O pin. Measurement accuracy distur-
bances have not been observed even at the full speed
of 20 MHz interfacing. The crosstalk performance is
dependent on the package choice due to the difference
in the pin arrangement (dual in-line or quad), and is
improved in the QFN-20 package.
8.4
Sampling Speed and Bandwidth
If ADC power consumption is not a concern in the
design, the boost settings can be increased for best
performance so that the OSR is always kept at the
maximum settings to improve the SINAD performance
(see Table 8-1). If the MCU cannot generate a clock
fast enough, it is possible to tap the OSC1/OSC2 pins
of the MCP3910 crystal oscillator directly to the crystal
of the microcontroller. When the sampling frequency is
enlarged, the phase resolution is improved, and with
the OSR increased, the phase compensation range
can be kept in the same range as the default settings.
MCU
Power Supply
Circuitry
LINE
NEUTRAL
SHUNT
Twisted
Pair
IA
ID
ID
IA
“Star” Point
VA
VD
Analog Ground Plane
Digital Ground Plane
MCP3910
TABLE 8-1:
SAMPLING SPEED VS.
MCLK AND OSR,
ADC PRESCALE 1:1
MCLK
(MHz)
Boost<1:0>
OSR
Sampling
Speed
(ksps)
16
0b11
1024
3.91
14
0b11
1024
3.42
12
0b11
1024
2.93
10
0b10
1024
2.44
8
0b10
512
3.91
6
0b01
512
2.93
4
0b01
256
3.91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com