Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2141MDREP Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2141MDREP
Description  Excalibur LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2141MDREP Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLE2141MDREP Datasheet HTML 12Page - Texas Instruments TLE2141MDREP Datasheet HTML 13Page - Texas Instruments TLE2141MDREP Datasheet HTML 14Page - Texas Instruments TLE2141MDREP Datasheet HTML 15Page - Texas Instruments TLE2141MDREP Datasheet HTML 16Page - Texas Instruments TLE2141MDREP Datasheet HTML 17Page - Texas Instruments TLE2141MDREP Datasheet HTML 18Page - Texas Instruments TLE2141MDREP Datasheet HTML 19Page - Texas Instruments TLE2141MDREP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
TLE2144 OPERATING CHARACTERISTICS
TLE2141-EP
TLE2142-EP
TLE2144-EP
SLOS577 – MAY 2008........................................................................................................................................................................................................ www.ti.com
VCC = ±15 V, TA = 25°C (unless otherwise noted)
TLE2144
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
SR+
Positive slew rate
AVD = –1, RL = 2 kΩ, CL = 100 pF
27
45
V/
µs
SR–
Negative slew rate
AVD = –1, RL = 2 kΩ, CL = 100 pF
27
42
V/
µs
To 0.1%
0.34
ts
Settling time
AVD = –1, 10-V step
µs
To 0.01%
0.4
f = 10 Hz
15
Vn
Equivalent input noise voltage
RS = 20 Ω
nV/
√Hz
f = 1 kHz
10.5
f = 0.1 Hz to 1 Hz
0.48
Peak-to-peak equivalent input
Vn(PP)
µV
noise voltage
f = 0.1 Hz to 10 Hz
0.51
f = 10 Hz
1.89
In
Equivalent input noise current
pA/
√Hz
f = 10 kHz
0.47
THD+N
Total harmonic distortion plus noise
VO(PP) = 20 V, RL = 2 kΩ, AVD = 10, f = 10 kHz
0.01
%
B1
Unity-gain bandwidth
RL = 2 kΩ, CL = 100 pF
6
MHz
Gain-bandwidth product
RL = 2 kΩ, CL = 100 pF, f = 100 kHz
5.9
MHz
BOM
Maximum output-swing bandwidth
VO(PP) = 20 V, AVD = 1, RL = 2 kΩ, CL = 100 pF
668
kHz
φ
m
Phase margin at unity gain
RL = 2 kΩ, CL = 100 pF
58
°
16
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TLE2141-EP TLE2142-EP TLE2144-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com