Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2141MDREP Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2141MDREP
Description  Excalibur LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2141MDREP Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLE2141MDREP Datasheet HTML 11Page - Texas Instruments TLE2141MDREP Datasheet HTML 12Page - Texas Instruments TLE2141MDREP Datasheet HTML 13Page - Texas Instruments TLE2141MDREP Datasheet HTML 14Page - Texas Instruments TLE2141MDREP Datasheet HTML 15Page - Texas Instruments TLE2141MDREP Datasheet HTML 16Page - Texas Instruments TLE2141MDREP Datasheet HTML 17Page - Texas Instruments TLE2141MDREP Datasheet HTML 18Page - Texas Instruments TLE2141MDREP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
TLE2144 ELECTRICAL CHARACTERISTICS
TLE2141-EP
TLE2142-EP
TLE2144-EP
www.ti.com........................................................................................................................................................................................................ SLOS577 – MAY 2008
VCC = ±15 V, at specified free-air temperature (unless otherwise noted)
TLE2144
PARAMETER
TEST CONDITIONS
TA
(1)
UNIT
MIN
TYP
MAX
25
°C
0.6
2.4
VIO
Input offset voltage
VIC = 0, RS = 50 Ω
mV
Full range
4
Temperature coefficient of
α
VIO
VIC = 0, RS = 50 Ω
25
°C
1.7
µV/°C
input offset voltage
25
°C
7
100
IIO
Input offset current
VIC = 0, RS = 50 Ω
nA
Full range
250
25
°C
–0.7
–1.5
IIB
Input bias current
VIC = 0, RS = 50 Ω
µA
Full range
–1.8
–15 to –15.3 to
25
°C
13
13.2
Common-mode input
VICR
RS = 50 Ω
V
voltage range
–15 to –15.3 to
Full range
12.7
12.9
IO = –150 µA
13.8
14.1
IO = –1.5 mA
25
°C
13.7
14
IO = –15 mA
13.1
13.7
Maximum positive peak
VOM+
V
output voltage swing
IO = –100 µA
13.7
IO = –1 mA
Full range
13.6
IO = –10 mA
13.1
IO = 150 µA
–14.7
–14.9
IO = 1.5 mA
25
°C
–14.5
–14.8
IO = 15 mA
–13.4
–13.8
Maximum negative peak
VOM–
V
output voltage swing
IO = 100 µA
–14.6
IO = 1 mA
Full range
–14.5
IO = 10 mA
–13.4
25
°C
100
170
Large-signal differential
AVD
VO = ±10 V, RL = 2 kΩ
V/mV
voltage amplification
Full range
20
ri
Input resistance
25
°C
65
M
Ω
ci
Input capacitance
25
°C
2.5
pF
zo
Open-loop output impedance
f = 1 MHz
25
°C
30
Ω
25
°C
85
108
CMRR
Common-mode rejection ratio
VIC = VICR(min), RS = 50 Ω
dB
Full range
80
25
°C
90
106
Supply-voltage rejection ratio
kSVR
VCC± = ±2.5 V to ±15 V, RS = 50 Ω
dB
(
ΔVCC±/ΔVIO)
Full range
85
VID = 1 V
–25
–50
IOS
Short-circuit output current
VO = 0
25
°C
mA
VID = –1 V
20
31
25
°C
13.8
18
ICC
Supply current
VO = 0, No load, VIC = 2.5 V
mA
Full range
18.8
(1)
Full range is –55
°C to 125°C.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): TLE2141-EP TLE2142-EP TLE2144-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com