Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2141MDREP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2141MDREP
Description  Excalibur LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2141MDREP Datasheet(HTML) 5 Page - Texas Instruments

  TLE2141MDREP Datasheet HTML 1Page - Texas Instruments TLE2141MDREP Datasheet HTML 2Page - Texas Instruments TLE2141MDREP Datasheet HTML 3Page - Texas Instruments TLE2141MDREP Datasheet HTML 4Page - Texas Instruments TLE2141MDREP Datasheet HTML 5Page - Texas Instruments TLE2141MDREP Datasheet HTML 6Page - Texas Instruments TLE2141MDREP Datasheet HTML 7Page - Texas Instruments TLE2141MDREP Datasheet HTML 8Page - Texas Instruments TLE2141MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
TLE2141 ELECTRICAL CHARACTERISTICS
TLE2141-EP
TLE2142-EP
TLE2144-EP
www.ti.com........................................................................................................................................................................................................ SLOS577 – MAY 2008
VCC = 5 V, at specified free-air temperature (unless otherwise noted)
TLE2141
PARAMETER
TEST CONDITIONS
TA
(1)
UNIT
MIN
TYP
MAX
25
°C
225
1400
VIO
Input offset voltage
VO = 2.5 V, RS = 50 Ω, VIC = 2.5 V
µV
Full range
2100
Temperature coefficient of
α
VIO
VO = 2.5 V, RS = 50 Ω, VIC = 2.5 V
Full range
1.7
µV/°C
input offset voltage
25
°C
8
100
IIO
Input offset current
VO = 2.5 V, RS = 50 Ω, VIC = 2.5 V
nA
Full range
250
25
°C
–0.8
–2
IIB
Input bias current
VO = 2.5 V, RS = 50 Ω, VIC = 2.5 V
µA
Full range
–2.3
–0.3 to
25
°C
0 to 3
3.2
Common-mode input
VICR
RS = 50 Ω
V
voltage range
–0.3 to
Full range
0 to 2.7
2.9
IOH = –150 µA
3.9
4.1
IOH = –1.5 mA
25
°C
3.8
4
IOH = –15 mA
3.2
3.7
VOH
High-level output voltage
V
IOH = –100 µA
3.75
IOH = –1 mA
Full range
3.65
IOH = –10 mA
3.25
IOL = 150 µA
75
125
mV
IOL = 1.5 mA
25
°C
150
225
IOL = 15 mA
1.2
1.6
V
VOL
Low-level output voltage
IOL = 100 µA
200
mV
IOL = 1 mA
Full range
250
IOL = 10 mA
1.25
V
25
°C
50
220
Large-signal differential
VIC = 2.5 V, RL = 2 kΩ,
AVD
V/mV
voltage amplification
VO = 1 V to –1.5 V
Full range
5
ri
Input resistance
25
°C
70
M
Ω
ci
Input capacitance
25
°C
2.5
pF
zo
Open-loop output impedance
f = 1 MHz
25
°C
30
Ω
25
°C
85
118
CMRR
Common-mode rejection ratio
VIC = VICR(min), RS = 50 Ω
dB
Full range
80
25
°C
90
106
Supply-voltage rejection ratio
kSVR
VCC± = ±2.5 V to ±15 V, RS = 50 Ω
dB
(
ΔVCC±/ΔVIO)
Full range
85
25
°C
3.4
4.4
ICC
Supply current
VO = 2.5 V, No load, VIC = 2.5 V
mA
Full range
4.6
(1)
Full range is –55
°C to 125°C.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TLE2141-EP TLE2142-EP TLE2144-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com