| Electronic Components Datasheet Search |
|
TLE2141MDREP Datasheet(PDF) 17 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2141MDREP Datasheet(HTML) 17 Page - Texas Instruments |
|
17 / 33 page ![]() TYPICAL CHARACTERISTICS TLE2141-EP TLE2142-EP TLE2144-EP www.ti.com........................................................................................................................................................................................................ SLOS577 – MAY 2008 Table of Graphs Figure 1, VIO Input offset voltage Distribution Figure 2, Figure 3 IIO Input offset current vs Free-air temperature Figure 4 vs Common-mode input voltage Figure 5 IIB Input bias current vs Free-air temperature Figure 6 vs Supply voltage Figure 7 vs Free-air temperature Figure 8 VOM+ Maximum positive peak output voltage vs Output current Figure 9 vs Settling time Figure 11 vs Supply voltage Figure 7 vs Free-air temperature Figure 8 VOM– Maximum negative peak output voltage vs Output current Figure 10 vs Settling time Figure 11 VO(PP) Maximum peak-to-peak output voltage vs Frequency Figure 12 VOH High-level output voltage vs Output current Figure 13 VOL Low-level output voltage vs Output current Figure 14 Phase shift vs Frequency Figure 15 vs Frequency Figure 15 AVD Large-signal differential voltage amplification vs Free-air temperature Figure 16 zo Closed-loop output impedance vs Frequency Figure 17 IOS Short-circuit output current vs Free-air temperature Figure 18 vs Frequency Figure 19 CMRR Common-mode rejection ratio vs Free-air temperature Figure 20 vs Frequency Figure 21 kSVR Supply-voltage rejection ratio vs Free-air temperature Figure 22 vs Supply voltage Figure 23 ICC Supply current vs Free-air temperature Figure 24 Vn Equivalent input noise voltage vs Frequency Figure 25 Vn Input noise voltage Over a 10-second period Figure 26 In Noise current vs Frequency Figure 27 THD+N Total harmonic distortion plus noise vs Frequency Figure 28 vs Free-air temperature Figure 29 SR Slew rate vs Load capacitance Figure 30 Noninverting large signal vs Time Figure 31 Pulse response Inverting large signal vs Time Figure 32 Small signal vs Time Figure 33 B1 Unity-gain bandwidth vs Load capacitance Figure 34 Gain margin vs Load capacitance Figure 35 φ m Phase margin vs Load capacitance Figure 36 Copyright © 2008, Texas Instruments Incorporated Submit Documentation Feedback 17 Product Folder Link(s): TLE2141-EP TLE2142-EP TLE2144-EP |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |