Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML610Q421 Datasheet(PDF) 14 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610Q421
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610Q421 Datasheet(HTML) 14 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML610Q421 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
FEDL610Q421-03
ML610Q421/ML610Q422
PAD No.
Primary function
Secondary function
Tertiary function
Q422 Q421 Pin name
I/O
Function
Pin name
I/O
Function
Pin name
I/O
Function
114
114
AIN0
I
Successive
approximation type
ADC input
115
115
AIN1
I
Successive
approximation type
ADC input
23
23
NMI
I
Non-maskable
interrupt pin
32
32
P00/
EXI0/
CAP0
I
Input port, External
interrupt 0, Capture 0
input
33
33
P01/
EXI1/
CAP1
I
Input port, External
interrupt 1, Capture 1
input
34
34
P02/
EXI2/
RXD0
I
Input port, External
interrupt 2, UART0
receive
35
35
P03/
EXI3
I
Input port, External
interrupt 3
37
37
P10
I
Input port
OSC0
I
High-speed oscillation
38
38
P11
I
Input port
OSC1
O
High-speed oscillation
106
106
P20/
LED0
O
Output port
LSCLK
O
Low-speed clock output
107
107
P21/LED1
O
Output port
OUTCLK
O
High-speed clock
output
108
108
P22/LED2
O
Output port
MD0
O
Melody output
9
9
P30
I/O
Input/output port
IN0
I
RC type ADC0
oscillation input pin
10
10
P31
I/O
Input/output port
CS0
O
RC type ADC0
reference capacitor
connection pin
11
11
P34
I/O
Input/output port
RCT0
O
RC type ADC0
resistor/capacitor
sensor connection pin
PWM0
O
PWM output
12
12
P32
I/O
Input/output port
RS0
O
RC type ADC0
reference resistor
connection pin
13
13
P33
I/O
Input/output port
RT0
O
RC type ADC0 resistor
sensor connection pin
14
14
P35
I/O
Input/output port
RCM
O
RC type ADC
oscillation monitor
109
109
P40
I/O
Input/output port
SDA
I/O
I
2C data input/output
SIN0
I
SSIO data input
110
110
P41
I/O
Input/output port
SCL
I/O
I
2C clock input/output
SCK0
I/O
SSIO synchronous clock
3
3
P42
I/O
Input/output port
RXD0
I
UART data input
SOUT0
I
SSIO data output
4
4
P43
I/O
Input/output port
TXD0
O
UART data output
PWM0
O
PWM output
5
5
P44/
T02P0CK
I/O
Input/output port,
Timer 0/Timer 2/
PWM0 external clock
input
IN1
I
RC type ADC1
oscillation input pin
SIN0
I
SSIO0 data input
6
6
P45/
T13P1CK
I/O
Input/output port,
Timer 1/Timer 3
external clock input
CS1
O
RC type ADC1
reference capacitor
connection pin
SCK0
I/O
SSIO0 synchronous
clock
7
7
P46
I/O
Input/output port
RS1
O
RC type ADC1
reference resistor
connection pin
SOUT0
O
SSIO0 data output
8
8
P47
I/O
Input/output port
RT1
O
RC type ADC1 resistor
sensor connection pin
98
PA0
I/O
Input/output port
99
PA1
I/O
Input/output port
100
PA2
I/O
Input/output port
101
PA3
I/O
Input/output port
102
PA4
I/O
Input/output port
14/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com