Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML610Q421 Datasheet(PDF) 17 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610Q421
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610Q421 Datasheet(HTML) 17 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML610Q421 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
FEDL610Q421-03
ML610Q421/ML610Q422
PIN DESCRIPTION
Pin name
I/O
Description
Primary/
Secondary/
Tertiary
Logic
System
RESET_N
I
Reset input pin. When this pin is set to a “L” level, system reset mode is
set and the internal section is initialized. When this pin is set to a “H” level
subsequently, program execution starts. A pull-up resistor is internally
connected.
—
Negative
XT0
I
Crystal connection pin for low-speed clock.
A 32.768 kHz crystal oscillator (see measuring circuit 1) is connected to
this pin. Capacitors CDL and CGL are connected across this pin and VSS
as required.
—
—
XT1
O
—
—
OSC0
I
Crystal/ceramic connection pin for high-speed clock.
A crystal or ceramic is connected to this pin (4.1 MHz max.). Capacitors
CDH and CGH
(see measuring circuit 1) are connected across this pin
and VSS.
This pin is used as the secondary function of the P10 pin(OSC0) and P11
pin(OSC1).
Secondary
—
OSC1
O
Secondary
—
LSCLK
O
Low-speed clock output pin. This pin is used as the secondary function of
the P20 pin.
Secondary
—
OUTCLK
O
High-speed clock output pin. This pin is used as the secondary function of
the P21 pin.
Secondary
—
General-purpose input port
P00-P03
I
General-purpose input port.
Since these pins have secondary functions, the pins cannot be used as a
port when the secondary functions are used.
Primary
Positive
P10-P11
I
General-purpose input port.
Since these pins have secondary functions, the pins cannot be used as a
port when the secondary functions are used.
Primary
Positive
General-purpose output port
P20-P22
O
General-purpose output port.
Since these pins have secondary functions, the pins cannot be used as a
port when the secondary functions are used.
Primary
Positive
General-purpose input/output port
P30-P35
I/O General-purpose input/output port.
Since these pins have secondary functions, the pins cannot be used as a
port when the secondary functions are used.
Primary
Positive
P40-P47
I/O General-purpose input/output port.
Since these pins have secondary functions, the pins cannot be used as a
port when the secondary functions are used.
Primary
Positive
PA0-PA7
I/O General-purpose input/output port.
These pins are for the ML610Q421, but are not provided in the
ML610Q422.
Primary
Positive
17/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com