Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML610Q421 Datasheet(PDF) 27 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610Q421
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610Q421 Datasheet(HTML) 27 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML610Q421 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 30Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 31Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
FEDL610Q421-03
ML610Q421/ML610Q422
(VDD = 1.1 to 3.6V, AVDD = 2.2 to 3.6V, VSS = AVSS = 0V, Ta = −20 to +70°C, Ta = −40 to +85°C for P version, unless otherwise
specified) (4/5)
Parameter
Symbol
Condition
Rating
Unit
Measuring
circuit
Min.
Typ.
Max.
Input current 1
(RESET_N)
IIH1
VIH1 = VDD
0
1
µA
4
IIL1
VIL1 = VSS
VDD = 1.8 to 3.6V
−600
−300
−20
VDD = 1.3 to 3.6V
−600
−300
-10
VDD = 1.1 to 3.6V
−600
−300
-2
Input current 1
(TEST)
IIH1
VIH1 = VDD
VDD = 1.8 to 3.6V
20
300
600
VDD = 1.3 to 3.6V
10
300
600
VDD = 1.1 to 3.6V
2
300
600
IIL1
VIL1 = Vss
-1
Input current 2
(NMI)
(P00–P03)
(P10–P11)
(P30–P35)
(P40–P47)
(PA0–PA7)
*1
IIH2
VIH2 = VDD
(when pulled-down)
VDD = 1.8 to 3.6V
2
30
200
VDD = 1.3 to 3.6V
0.2
30
200
VDD = 1.1 to 3.6V
0.01
30
200
IIL2
VIL2 = VSS
(when pulled-up)
VDD = 1.8 to 3.6V
−200
−30
−2
VDD = 1.3 to 3.6V
−200
−30
-0.2
VDD = 1.1 to 3.6V
−200
−30
-0.01
IIH2Z
VIH2 = VDD (in high-impedance state)
1
IIL2Z
VIL2 = VSS (in high-impedance state)
−1
*
1: ML610Q421 only
DC CHARACTERISTICS (5/5))
(VDD = 1.1 to 3.6V, AVDD = 2.2 to 3.6V, VSS = AVSS = 0V, Ta = −20 to +70°C, Ta = −40 to +85°C for P version, unless otherwise
specified) (5/5)
Parameter
Symbol
Condition
Rating
Unit
Measuring
circuit
Min.
Typ.
Max.
Input voltage 1
(RESET_N)
(TEST)
(NMI)
(P00–P03)
(P10–P11)
(P31–P35)
(P40–P43)
(P45–P47)
(PA0–PA7)
*1
VIH1
VDD = 1.3 to 3.6V
0.7
×V
DD
VDD
V
5
VDD = 1.1 to 3.6V
0.7
×V
DD
VDD
VIL1
VDD = 1.3 to 3.6V
0
0.3
×V
DD
VDD = 1.1 to 3.6V
0
0.2
×V
DD
Input voltage 2
(P30, P44)
VIH2
0.7
×V
DD
VDD
VIL2
0
0.3
×V
DD
Input pin
capacitance
(NMI)
(P00–P03)
(P10–P11)
(P30–P35)
(P40–P47)
(PA0–PA7)
*1
CIN
f = 10kHz
Vrms = 50mV
Ta = 25
°C
5
pF
*
1: ML610Q421 only
27/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com