Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7066 Datasheet(PDF) 8 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7066
Description  400MHz Transceiver IC for Specified Low-Power Station
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7066 Datasheet(HTML) 8 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7066 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
FEDL7066-01
ML7066
8/29
List of Command/Event
The following table shows the command/event specifications of ML7066. Command is send from MCU to the ML7066.
Event is send from the ML7066 to MCU.
Command/event name
Type
code
Function
SET_TRX_STATE.request
Command
0x02
Requests the RF state change
SET_TRX_STATE.confirm
Event
0x03
Reports the result of RF state change request
SET_CHANNEL.request
Command
0x04
Sets the operating channel
SET_CHANNEL.confirm
Event
0x05
Reports the channel setting result
SET_CMP_DATA.request
Command
0x06
Sets the preamble or start-of-frame delimiter (SFD) pattern
for generation (TX) and comparison (RX)
SET_CMP_DATA.confirm
Event
0x07
Reports the preamble/SFD pattern setting result
SET_RSSI_SETTING.request
Command
0x08
Sets the carrier detect condition
SET_RSSI_SEETING.confirm
Event
0x09
Reports the carrier detect condition setting result
SET_TX_POW.request
Command
0x0a
Sets the transmitting power
SET_TX_POW.confirm
Event
0x0b
Reports the transmitting power setting result
SET_TIMER.request
Command
0x0c
Sets the intermitting operation timing
SET_TIMER.confirm
Event
0x0d
Reports the intermittent operation setting result
SET_PLL_FIT.request
Command
0x0e
Adjusts the operating channel center frequency
SET_PLL_FIT.confirm
Event
0x0f
Reports the result of frequency adjustment request
SET_TEST.request
Command
0x10
Sets the test pattern
SET_TEST.confirm
Event
0x11
Reports the result of test pattern setting results
SET_CLK.request
Command
0x12
Requests the sleep mode operation and POWOFF pin
polarity change.
SET_CLK.confirm
Event
0x13
Reports the result of sleep and POWOFF pin polarity
request
SET_RESET.request
Command
0x14
Request the reset operation
SET_RESET.confirm
Event
0x15
Reports the result of reset request
SET_CONFIRM.request
Command
0x16
Requests the interrupt masking
SET_CONFIRM.confirm
Event
0x17
Reports the interrupt mask requests
SET_INT.request
Command
0x18
Requests the .confirm event masking
SET_INT.confirm
Event
0x19
Reports the result of .confirm event mask requests
SET_SPD.request
Command
0x18
Sets the data rate
SET_SPD.confirm
Event
0x19
Reports the data rate setting request
SET_CMP_DURATION.request
Command
0x0e
Sets the comparing receive data period
SET_CMP_DURATION.confirm
Event
0x0f
Reports the comparing period setting result
RX_DATA.indication
Event
0x20
Notices existing receive data
RSSI.indication
Event
0x21
Notices RSSI result
GET_TRX_STATE.request
Command
0x22
Reads the RF state report
GET_TRX_STATE.confirm
Event
0x23
Reports the current RF state
GET_CHANNEL.request
Command
0x24
Reads the channel setting
GET_CHANNEL.confirm
Event
0x25
Reports the setting operation channel(s)
GET_CMP_DATA.request
Command
0x26
Reads the setting of the preamble or SFD pattern
GET_CMP_DATA.confirm
Event
0x27
Reports the setting pattern of preamble or SFD
GET_RSSI_SETTING.request
Command
0x28
Reads the carrier detect setting or current RSSI
GET_RSSI_SEETING.confirm
Event
0x29
Reports the carrier detect setting or current RSSI
GET_TX_POW.request
Command
0x2a
Reads the transmitting power setting
GET_TX_POW.confirm
Event
0x2b
Reports the setting value of transmitting power
GET_TIMER.request
Command
0x2c
Reads the intermitting operation timing
GET_TIMER.confirm
Event
0x2d
Reports the setting value of intermittent operation
GET_PLL_FIT.request
Command
0x2e
Reads the PLL adjust value
GET_PLL_FIT.confirm
Event
0x2f
Reports the setting value for PLL adjustment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com