Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7066 Datasheet(PDF) 6 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7066
Description  400MHz Transceiver IC for Specified Low-Power Station
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7066 Datasheet(HTML) 6 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7066 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
FEDL7066-01
ML7066
6/29
Power Supply Pins
Pin No.
Pin Name
Attribute/
value at reset
I/O
Active
Level
Description
34
VREG_IN
–
–
–
Power supply pin for regulator. (Typ. 3.0 V)
10
VDD_RF
–
–
–
Power supply pin for PA and LNA.
Connect to VREG_OUT. (Typ. 2.2V).
25
VDD_VCO
–
–
–
Power supply pin for VCO.
Connect to VREG_OUT. (Typ. 2.2V)
16
VDD_MIX
–
–
–
Power supply pin for mixer 1.
Connect to VREG_OUT. (Typ. 2.2V)
31
VDD_CP
–
–
–
Power supply pin for charge pump.
Connect to VREG_OUT. (Typ. 2.2V)
32
VDD_PLL
–
–
–
Power supply pin for PLL.
Connect to VREG_OUT. (Typ. 2.2V)
18
VDD_IF
–
–
–
Power supply pin for IF, Limiter and RSSI.
Connect to VREG_OUT. (Typ. 2.2V)
5, 40
VDDIO
–
–
–
Power supply pins for the digital I/O block and internal voltage
regulator. (Typ. 3.0 V).
11, 14
20,28
GND_RF_IF
–
–
–
Ground pin for RF and IF block.
3,42
GND
–
–
–
Ground pin for digital block.
EL (*2)
–
–
–
–
Ground pin
(*2)
EL is the lower surface of the LSI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com