Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7066 Datasheet(PDF) 9 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7066
Description  400MHz Transceiver IC for Specified Low-Power Station
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7066 Datasheet(HTML) 9 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7066 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
FEDL7066-01
ML7066
9/29
Command/event name
Type
code
Function
GET_TEST.request
Command
0x30
Reads the test pattern setting
GET_TEST.confirm
Event
0x31
Reports the setting of test pattern
GET_CLK.request
Command
0x32
Reads the POWOFF pin polarity setting
GET_CLK.confirm
Event
0x33
Reports the setting polarity of POWOFF pin
GET_INT.request
Command
0x34
Reads the .confirm event mask setting
GET_INT.confirm
Event
0x35
Reports the setting of .confirm event mask
GET_CONFIRM.request
Command
0x36
Reads the interrupt mask setting
GET_CONFIRM.confirm
Event
0x37
Reports the setting of interrupt mask
INT.indication
Event
0x38
Notices interrupt occurs
GET_SPD.request
Command
0x3a
Reads the data rate
GET_SPD.confirm
Event
0x3b
Reports the data rate setting
GET_CMP_DURATION.request
Command
0x0e
Reads the comparing period setting
GET_CMP_DURATION.confirm
Event
0x0f
Reports the setting value of comparing period
GET_ERRR_COUNTER.request
0x3e
Reads the receiving error status of operating channels
GET_ERR_COUNTER.confirm
0x3f
Reports the receiving data status of operating channels
List of Confirm
Code
Function
Note
0x05
INVALID_PARAMETER
INVALID_PARAMETER
0x06
RX_ON
RX_ON request when in RX_ON state
0x07
SUCCESS
Request accepted
0x08
TRX_OFF
TRX_OFF request when in TRX_OFF state
0x09
TX_ON
TX_ON request when in TX_ON state
0x0a
UNSPOORTED_STTRIBUTE
Data overrun or shortage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com