Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7066 Datasheet(PDF) 23 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7066
Description  400MHz Transceiver IC for Specified Low-Power Station
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7066 Datasheet(HTML) 23 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7066 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
FEDL7066-01
ML7066
23/29
Power ON and Power Down Characteristics
(Operation power supply voltage: 2.1V - 3.6V, Ta=—25 - +65°C)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Power-on time
difference
TPWON
At power on
between VDDIO - VREG_IN
pins
—
1
5
ms
Power-off time
difference
TPWOFF
At power off
between VDDIO - VREG_IN
pins
—
1
5
ms
(Notes)
No specification for the power-on order. However, each reset time after power on regulated by the RESETN pin must
be satisfied.
Timings are measured at the 20% and 80% levels of the minimum value of the power supply voltage of each power
supply pin.
Regulator Characteristics
(Operation power supply voltage: 2.1V - 3.6V, Ta=—25 - +65°C)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Regulator power-on
output response time
TREGON
At power on
VREG_OUT pin
—
5
10
µs
Regulator power-off
output response time
TREGOFF
At power off
VREG_OUT pin
—
5
10
µs
Regulator voltage input time
TREGIN
—
5
-
-
ms
(Notes)
TREGON is the time from when the VREG_IN pin reaches 2.2V to when the 2.1V voltage is output from the VREG_OUT
pin at power-on.
TREGOFF is the time from when the VREG_IN pin reaches 2.2V to when the output level of the VREG_OUT pin begins
falling at power-off. Any required voltage output from the regulator should not be used after this time elapsed.
TREGIN is the rise time (0V
→VDD level) of the voltage applied to the VREG_IN pin at power-on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com