Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7344CE Datasheet(PDF) 91 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344CE
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344CE Datasheet(HTML) 91 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344CE Datasheet HTML 87Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 88Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 89Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 90Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 91Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 92Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 93Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 94Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 95Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
91/154
■LSI adjustment items and adjustment method
●PA adjustment
ML7344E/J have output circuits for 1mW and 20mW (10mW as well) and ML7344C has output circuit for
20mW and 100mW. Output circuits can be selected by PA_MODE[1:0] ([PA_MODE: B0 0x67(5-4)]).
Output circuit
PA_MODE[1:0]
ML7344E/J
ML7344C
0b00
1mW
Not allowed
0b01
10mW
20mW
0b10
20mW
100mW
0b11
Not allowed
Output power can be adjusted by the following 3 registers.
Coarse adjustment 1 PA_REG[3:0] ([PA_MODE: B0 0x67(3-0)]) 16 resolutions
Coarse adjustment 2 PA_ ADJ[3:0] ([PA_ADJ: B0 0x69(3-0)] ) 16 resolutions
Fine adjustment
PA REG_FINE_ADJ[4:0] ([PA_REG_FINE_ADJ: B0 0x68(4-0)]) 32 resolutions
Coarse adjustment 1: PA regulator adjustment
Setting regulator voltage according to the desired output level.
However, please set PA regulator voltage to less than [VDD_PA(pin#22) – 0.3V].
PA_REG[3:0]
[PA_MODE:B0 0x67]
PA regulator
Voltage [V]
0b0000
1.20
0b0001
1.32
0b0010
1.44
0b0011
1.56
0b0100
1.68
0b0101
1.80
0b0110
1.92
0b0111
2.04
0b1000
2.16
0b1001
2.28
0b1010
2.40
0b1011
2.52
0b1100
2.64
0b1101
2.76
0b1110
2.88
0b1111
3.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com