Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7344CE Datasheet(PDF) 57 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344CE
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344CE Datasheet(HTML) 57 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344CE Datasheet HTML 53Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 54Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 55Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 56Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 57Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 58Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 59Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 60Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 61Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
57/154
(3)DCLK output method
In Data output mode 2, decoded data is output. Therefore, The DCLK output section in a output interval
changes with the coding method. DCLK output section is as follows.
In othe modes, undecoded data is input or output. DCLK is output continuously. Then, it is not depend on the
coding method.
i) Data output mode 2
ii) TX continuous input mode or RX continuous mode
iii) TX Data input mode / RX Data output mode1
Output interval
NRZ:
: 8 cycle
Manchester
:16 cycle
3 out of 6
:12 cycle
DCLK
Clock output (8 cycle)
Output interval
1 cycle=1/data rate[bps]
(*) The nuber of cycle per 1 byte
NRZ
: 8 cycle
Manchester
:16 cycle
3 out of 6
:12 cycle
DCLK
DCLK
TX: The timing during transmitting
the last 2 bit SyncWord
RX: DIO_START issue
1 cycle=1/data rate[bps]
1 cycle=1/data rate[bps]
(*) The nuber of cycle per 1 byte
NRZ
: 8 cycle
Manchester
:16 cycle
3 out of 6
:12 cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com