Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7344CE Datasheet(PDF) 30 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344CE
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344CE Datasheet(HTML) 30 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344CE Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 30Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 31Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 32Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 33Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 34Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
30/154
●Notes to set RF state
ML7344 is able to change the internal RF state transition autonomously (without commands from MCU) as
well as RF state change commands from MCU. (please refer to ”LSI state transition instruction”). If both
timing of operation (autonomous state and state change from MCU command) overlapped, unintentional RF
state may occur. Timing of autonomous state RF change is described in the following table.
Care must be taken not to overlap the conditions.
Function
RF state change
(before → after)
RF state transition timing (not from
Host MCU command)
Recommended process
Automatic TX
After TX data transfer completion interrupt
occurs, {value [TX_RATE_H/L: B1 0x02/03)] ×
2 / 26}[μs] period
FAST_TX
mode
TRX_OFF/RX_ON
→TX_ON
When FIFO write access exceed trigger level
+1, {value [RX_RATE1_H/L:B1 0x04/05] × 5 /
26}[μs] period.
TX_ON→TRX_OFF
TX_ON→RX_ON
RF state setting
after
TX completion
TX_ON→SLEEP
After TX completion interrupt (INT[16] group3),
{value [TX_RATE_H/L:B1 0x02/03] × 2 / 26}
[μs] period
RX_ON→TRX_OFF
RX_ON→TX_ON
RF state setting
after
RX completion
RX_ON→SLEEP
After RX completion interrupt (INT[8] group2),
{value [RX_RATE1_H/L:B1 0x04/05] × 2 /
26}[μs] period
SLEEP→TX_ON
SLEEP→RX_ON
After wake-up timer completion interrupt
(INT[6] group1), 1 clock cycle period defined by
WUT_CLK_SET[3:0] ([WUT_CLK_SET: B0
0x2E(3-0)]).
Write access to [RF_STATUS:B0
0x0B] is possible after RF state
transition
completion
interrupt
(INT[3] group1), or move to the
state
defined
by
GET_TRX
([RF_STATUS:B0 0x0B(7-4)]).
SLEEP→VCO_CAL
→TX_ON
Wake-up timer
SLEEP→VCO_CAL
→RX_ON
After wake-up timer completion interrupt
(INT[6] group1), before VCO calibration
completion interrupt (INT[1] group1).
Write access to [RF_STATUS:B0
0x0B] and BANK2 is possible
after VCO calibration completion
interrupt (INT[1] group1).
TX_ON→SLEEP
Continuous
operation timer
RX_ON→SLEEP
After continuous operation timer completion, 1
clock cycle period defined by WUT_CLK_SET
[3:0] ([WUT_CLK_SET: B0 0x2E(3-0)]).
High speed
carrier checking
RX_ON→SLEEP
After CCA completion interrupt (INT[18]
group3), duration 6.3[μs].
Write access to [RF_STATUS:B0
0x0B] is possible after RF state
transition completion interrupt
(INT[3] group1), or move to the
state defined by GET_TRX
([RF_STATUS:B0 0x0B(7-4)]).
PLL unlock
detection
TX_ON→TRX_OFF
After PLL unlock detection interrupt (INT[2]
group1) occurs, duration 147[μs].
Write access to [RF_STATUS:B0
0x0B] is possible 147μs after PLL
unlock interrupt (INT[2] group1)
detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com