Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP3400D Datasheet(PDF) 32 Page - Micronas

Part # MSP3400D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400D Datasheet(HTML) 32 Page - Micronas

Back Button MSP3400D Datasheet HTML 28Page - Micronas MSP3400D Datasheet HTML 29Page - Micronas MSP3400D Datasheet HTML 30Page - Micronas MSP3400D Datasheet HTML 31Page - Micronas MSP3400D Datasheet HTML 32Page - Micronas MSP3400D Datasheet HTML 33Page - Micronas MSP3400D Datasheet HTML 34Page - Micronas MSP3400D Datasheet HTML 35Page - Micronas MSP3400D Datasheet HTML 36Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 83 page
background image
MSP 34x0D
PRELIMINARY DATA SHEET
32
Micronas
6.6.1. Autodetection of Terrestrial TV Audio Standards
By means of Autodetect, the MSP 34x0D offers a sim-
ple and fast (<0.5 s) facility to detect the actual TV
audio standard. The algorithm checks for the FM-
Mono and NICAM carriers of all common TV sound
standards. The following notes must be considered
when applying the Autodetect feature:
1. Since there is no way to distinguish between AM and
FM carrier, a carrier detected at 6.5 MHz is inter-
preted as an AM carrier. If video detection results in
SECAM East, the MSPD result “9” of Autodetect
must
be
reinterpreted
as
“Bhex” in case of
CAD_BITS[0] = 1, or as “4” or “5” by using the
demodulator short programming mode. A simple
decision can be made between the two D/K FM ste-
reo standards by setting D/K1 and D/K2 using the
short programming mode and checking the identifi-
cation of both versions (see Table 6–13 on page 31).
2. During active Autodetect, no I2C transfers besides
reading the autodetect result are recommended.
Results exceeding 07FFhex indicate an active auto-
detect.
3. The results are to be understood as static informa-
tion, i.e. no evaluation of FM or NICAM identification
concerning the dynamic mode (stereo, bilingual, or
mono) are done.
4. Before switching to Autodetect, the audio process-
ing part should be muted. Do not forget to demute
after having received the result.
6.6.2. C_AD_BITS
NICAM operation mode control bits and A[2...0] of the
additional data bits.
Format:
Important: “S” = Bit[0] indicates correct NICAM syn-
chronization (S=1). If S=0, the MSP 3410D has not
yet synchronized correctly to frame and sequence, or
has lost synchronization. The remaining read registers
are therefore not valid. The MSP 3410D mutes the
NICAM output automatically and tries to synchronize
again as long as MODE_REG[6] is set.
The operation mode is coded by C4...C1 as shown in
Table 6–14.
6.6.3. ADD_BITS [10...3] 0038hex
Contains the remaining 8 of the 11 additional data bits.
The additional data bits are not yet defined by the
NICAM 728 system.
Format:
6.6.4. CIB_BITS
Cib bits 1 and 2 (see NICAM 728 specifications).
Format:
MSB
C_AD_BITS 0023hex
LSB
11
...
7654
3210
Auto
_FM
...
A[2]
A[1]
A[0]
C4
C3
C2
C1
S
Table 6–14: NICAM operation modes as defined by
the EBU NICAM 728 specification
C4
C3
C2
C1
Operation Mode
0
0
0
0
Stereo sound (NICAM A/B),
independent mono sound (FM1)
0
0
0
1
Two independent mono signals
(NICAM A, FM1)
0
0
1
0
Three independent mono
channels (NICAM A, NICAM B,
FM1)
0
0
1
1
Data transmission only; no audio
1
0
0
0
Stereo sound (NICAM A/B), FM1
carries same channel
1
0
0
1
One mono signal (NICAM A).
FM1 carries same channel as
NICAM A
1
0
1
0
Two independent mono channels
(NICAM A, NICAM B). FM1
carries same channel as
NICAM A
1
0
1
1
Data transmission only; no audio
x
1
x
x
Unimplemented sound coding
option (not yet defined by EBU
NICAM 728 specification)
AUTO_FM: monitor bit for the AUTO_FM Status:
0: NICAM source is NICAM
1: NICAM source is FM
MSB
ADD_BITS 0038hex
LSB
76
54321
0
A[10]
A[9]
A[8]
A[7]
A[6]
A[5]
A[4]
A[3]
MSB
CIB_BITS 003Ehex
LSB
76
54321
0
xx
xxxx
CIB1
CIB2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com