Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP3400D Datasheet(PDF) 33 Page - Micronas

Part # MSP3400D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400D Datasheet(HTML) 33 Page - Micronas

Back Button MSP3400D Datasheet HTML 29Page - Micronas MSP3400D Datasheet HTML 30Page - Micronas MSP3400D Datasheet HTML 31Page - Micronas MSP3400D Datasheet HTML 32Page - Micronas MSP3400D Datasheet HTML 33Page - Micronas MSP3400D Datasheet HTML 34Page - Micronas MSP3400D Datasheet HTML 35Page - Micronas MSP3400D Datasheet HTML 36Page - Micronas MSP3400D Datasheet HTML 37Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 83 page
background image
PRELIMINARY DATA SHEET
MSP 34x0D
Micronas
33
6.6.5. ERROR_RATE 0057hex
Average error rate of the NICAM reception in a time
interval of 182 ms, which should be close to 0. The ini-
tial and maximum value of ERROR_RATE is 2047.
This value is also active, if the NICAM bit of
MODE_REG is not set. Since the value is achieved by
filtering, a certain transition time (appr. 0.5 sec) is
unavoidable. Acceptable audio may have error_rates
up to a value of 700dec. Individual evaluation of this
value by the CCU and an appropriate threshold may
define the fallback mode from NICAM to FM/AM-Mono
in case of poor NICAM reception.
The bit error rate per second (BER) can be calculated
by means of the following formula:
BER = ERROR_RATE
× 12.3 × 10−6 /s
If
the
automatic
switching
feature
is
applied
(AUTO_FM; section 6.4.2. on page 24), reading of
ERROR_RATE can be omitted.
6.6.6. CONC_CT (for compatibility with MSP 3410B)
This register contains the actual number of bit errors of
the
previous
728-bit
data
frame.
Evaluation
of
CONC_CT is no longer recommended.
6.6.7. FAWCT_IST (for compatibility with MSP 3410B)
For compatibility with MSP 3410B this value equals 12
as long as NICAM quality is sufficient. It decreases to 0
if
NICAM
reception
gets
poor.
Evaluation
of
FAWCT_IST is no longer recommended.
6.6.8. PLL_CAPS
It is possible to read out the actual setting of the
PLL_CAPS. In standard applications, this register is
not of interest for the customer.
6.6.9. AGC_GAIN
It is possible to read out the actual setting of
AGC_GAIN in Automatic Gain Mode. In standard
applications, this register is not of interest for the cus-
tomer.
6.7. Sequences to Transmit Parameters
and to Start Processing
After having been switched on, the MSP has to be ini-
tialized by transmitting the parameters according to the
LOAD_SEQ_1/2 (see Table 6–15 on page 34). The
data are immediately active after transmission into the
MSP.
It
is
no
longer
necessary
to
transmit
LOAD_REG_1/2 or LOAD_REG_1 as it was for
MSP 34x0B.
Nevertheless,
transmission
of
LOAD_REG_1/2 or LOAD_REG_1 does no harm.
For NICAM operation, the following steps listed in
‘NICAM_WAIT, _READ, and _CHECK’ in Table 6–15
must be taken.
For FM-Stereo operation, the evaluation of the identifi-
cation signal must be performed. For a positive identifi-
cation check, the MSP 3410D sound channels have to
be switched corresponding to the detected operation
mode.
PLL_CAPS
021Fhex
minimum frequency
0111 1111
7Fhex
nominal frequency
0101 0110
56hex
RESET
maximum frequency
0000 0000
00hex
AGC_GAIN
021Ehex
max. amplification
(20 dB)
0001 0100
14hex
min. amplification
(3 dB)
0000 0000
00hex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com