Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP3400D Datasheet(PDF) 73 Page - Micronas

Part # MSP3400D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400D Datasheet(HTML) 73 Page - Micronas

Back Button MSP3400D Datasheet HTML 69Page - Micronas MSP3400D Datasheet HTML 70Page - Micronas MSP3400D Datasheet HTML 71Page - Micronas MSP3400D Datasheet HTML 72Page - Micronas MSP3400D Datasheet HTML 73Page - Micronas MSP3400D Datasheet HTML 74Page - Micronas MSP3400D Datasheet HTML 75Page - Micronas MSP3400D Datasheet HTML 76Page - Micronas MSP3400D Datasheet HTML 77Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 83 page
background image
PRELIMINARY DATA SHEET
MSP 34x0D
Micronas
73
Main and AUX Outputs
RoutMA
Main/AUX Output Resistance
at Tj = 27 °C
from TA = 0 to 70 °C
DACp_s1)
2.1
2.1
3.3
4.6
5.0
k
Ω
k
Ω
fsignal = 1 kHz, I = 0.1 mA
VoutDCMA
DC-Level at Main/AUX-Output
for Analog Volume at 0 dB
for Analog Volume at
−30 dB
1.80
2.04
61
2.28
V
mV
VoutMA
Effective Signal Level at Main/
AUX-Output during full-scale digital
input signal from DSP for Analog
Volume at 0 dB
1.23
1.37
1.51
VRMS
fsignal = 1 kHz
Analog Performance
SNR
Signal-to-Noise Ratio
from Analog Input to DSP
MONO_IN,
SCn_IN_s1)
85
88
dB
Input Level =
−20 dB with
resp. to VAICL, fsig= 1 kHz,
equally weighted
20 Hz...16 kHz2)
from Analog Input to
SCART Output
MONO_IN,
SCn_IN_s1)
→
SCn_OUT_s1)
93
96
dB
Input Level =
−20 dB,
fsig = 1 kHz,
equally weighted
20 Hz...20 kHz
from DSP to SCART Output
SCn_OUT_s1)
85
88
dB
Input Level =
−20 dB,
fsig = 1 kHz,
equally weighted
20 Hz...15 kHz3)
from DSP to Main/AUX-Output
for Analog Volume at 0 dB
for Analog Volume at
−30 dB
DACp_s1)
85
78
88
83
dB
dB
Input Level =
−20 dB,
fsig = 1 kHz,
equally weighted
20 Hz...15 kHz3)
THD
Total Harmonic Distortion
from Analog Input to DSP
MONO_IN,
SCn_IN_s1)
0.01
0.03
%
Input Level =
−3 dBr with
resp. to VAICL, fsig = 1 kHz,
equally weighted
20 Hz...16 kHz2)
from Analog Input to
SCART Output
MONO_IN,
SCn_IN_s
→
SCn_OUT_s1)
0.01
0.03
%
Input Level =
−3dBr,
fsig = 1 kHz,
equally weighted
20 Hz...20 kHz
from DSP to SCART Output
SCn_OUT_s1)
0.01
0.03
%
Input Level =
−3dBr,
fsig = 1 kHz,
equally weighted
20 Hz...16 kHz3)
from DSP to Main or AUX Output
DACA_s,
DACM_s1)
0.01
0.03
%
Input Level =
−3dBr,
fsig = 1 kHz,
equally weighted
20 Hz...16 kHz3)
1) “n” means “1”, “2”, “3”, or “4”;
“s” means “L” or “R”;
“p” means “M” or “A”
2) DSP measured at I2S-Output
3) DSP Input at I2S-Input
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com