Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP3400D Datasheet(PDF) 12 Page - Micronas

Part # MSP3400D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400D Datasheet(HTML) 12 Page - Micronas

Back Button MSP3400D Datasheet HTML 8Page - Micronas MSP3400D Datasheet HTML 9Page - Micronas MSP3400D Datasheet HTML 10Page - Micronas MSP3400D Datasheet HTML 11Page - Micronas MSP3400D Datasheet HTML 12Page - Micronas MSP3400D Datasheet HTML 13Page - Micronas MSP3400D Datasheet HTML 14Page - Micronas MSP3400D Datasheet HTML 15Page - Micronas MSP3400D Datasheet HTML 16Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 83 page
background image
MSP 34x0D
PRELIMINARY DATA SHEET
12
Micronas
4.1.4. Phase and AM Discrimination
The filtered sound IF signals are demodulated by
means of the phase and amplitude discriminator block.
On the output, the phase and amplitude is available for
further processing. AM signals are derived from the
amplitude information, whereas the phase information
serves for FM and NICAM (DQPSK) demodulation.
4.1.5. Differentiators
FM demodulation is completed by differentiating the
phase information output.
4.1.6. Low-pass Filter Block
for Demodulated Signals
The demodulated FM and AM signals are further low-
pass filtered and decimated to a final sampling fre-
quency of 32 kHz. The usable bandwidth of the final
baseband signals is about 15 kHz.
4.1.7. High-Deviation FM Mode
By means of MODE_REG [9], the maximum FM devi-
ation can be extended to approximately
±360 kHz.
Since this mode can be applied only for the MSP
sound IF channel 2, the corresponding matrices in the
baseband processing must be set to sound A. Apart
from this, the coefficient sets 380 kHz FIR2 or 500 kHz
FIR2 must be chosen for the FIR2. In relation to the
normal FM mode, the audio level of the high-deviation
mode is reduced by 6 dB. The FM prescaler should be
adjusted accordingly. In high-deviation FM mode, nei-
ther FM-Stereo nor FM identification nor NICAM pro-
cessing is possible simultaneously.
4.1.8. FM Carrier Mute Function
in the Dual-Carrier FM Mode
To prevent noise effects or FM identification problems
in the absence of one of the two FM carriers, the
MSP 34x0D offers a carrier detection feature, which
must be activated by means of AD_CV[9]. If no FM
carrier is available at the MSPD channel 1, the corre-
sponding channel FM2 is muted. If no FM carrier is
available at the MSPD channel 2, the corresponding
channel FM1 is muted.
4.1.9. DQPSK Decoder
In case of NICAM mode, the phase samples are
decoded according the DQPSK-coding scheme. The
output of this block contains the original NICAM bit-
stream.
4.1.10. NICAM Decoder
Before any NICAM decoding can start, the MSP must
lock to the NICAM frame structure by searching and
synchronizing to the so-called frame alignment words
(FAW).
To reconstruct the original digital sound samples, the
NICAM bitstream has to be descrambled, deinter-
leaved, and rescaled. Also, bit-error detection and cor-
rection (concealment) is performed in this block.
To facilitate the Central Control Unit CCU to switch the
(e.g.) TV set to the actual sound mode, control infor-
mation on the NICAM mode and bit error rate are sup-
plied by the NICAM decoder. It can be read out via the
I2C bus.
An automatic switching facility (AUTO_FM) between
NICAM
and
FM/AM
reduces
the
amount
of
CCU instructions in case of bad NICAM reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com