Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC2011A Datasheet(PDF) 28 Page - Texas Instruments

Part # GC2011A
Description  3.3V DIGITAL FILTER CHIP
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC2011A Datasheet(HTML) 28 Page - Texas Instruments

Back Button GC2011A Datasheet HTML 24Page - Texas Instruments GC2011A Datasheet HTML 25Page - Texas Instruments GC2011A Datasheet HTML 26Page - Texas Instruments GC2011A Datasheet HTML 27Page - Texas Instruments GC2011A Datasheet HTML 28Page - Texas Instruments GC2011A Datasheet HTML 29Page - Texas Instruments GC2011A Datasheet HTML 30Page - Texas Instruments GC2011A Datasheet HTML 31Page - Texas Instruments GC2011A Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
Texas Instruments Incorporated
- 24 -
GC2011A 3.3V DIGITAL FILTER CHIP
SLWS129A
This document contains information which may be changed at any time without notice
Table 13: Pin Listing For 160 Pin QFP Package
PIN
NAME
PIN
NAME
PIN
NAME
PIN
NAME
1
-41
-
81
-121
AO2
2
C12
42
GND
82
BOE
122
AO3
3
VCC
43
GND
83
BO0
123
AO4
4
VCC
44
VCC
84
BO1
124
AO5
5
C13
45
A6
85
BO2
125
VCC
6
GND
46
A7
86
BO3
126
VCC
7
VCC
47
A8
87
BO4
127
GND
8
C14
48
BI11
88
BO5
128
GND
9
C15
49
BI10
89
BO6
129
AO6
10
GND
50
BI9
90
BO7
130
AO7
11
GND
51
BI8
91
VCC
131
AO8
12
VCC
52
BI7
92
VCC
132
AO9
13
VCC
53
BI6
93
VCC
133
AO10
14
CE
(CS)
54
BI5
94
GND
134
AO11
15
RE
(GND)
55
BI4
95
GND
135
AO12
16
VCC
56
BI3
96
GND
136
VCC
17
WE
(R/W)
57
BI2
97
BO8
137
GND
18
CKEN
58
BI1
98
BO9
138
AO13
19
GND
59
BI0
99
VCC
139
AO14
20
GND
60
AI11
100
VCC
140
AO15
21
VCC
61
AI10
101
GND
141
AOE
22
VCC
62
AI9
102
GND
142
C0
23
CK
63
AI8
103
BO10
143
C1
24
A0
64
AI7
104
BO11
144
C2
25
GND
65
AI6
105
BO12
145
C3
26
VCC
66
AI5
106
BO13
146
C4
27
A1
67
AI4
107
BO14
147
VCC
28
GND
68
AI3
108
VCC
148
GND
29
GND
69
AI2
109
VCC
149
C5
30
VCC
70
AI1
110
GND
150
C6
31
VCC
71
AI0
111
GND
151
C7
32
A2
72
GND
112
BO15
152
C8
33
A3
73
GND
113
VCC
153
C9
34
GND
74
SO
114
GND
154
C10
35
VCC
75
VCC
115
BOF
155
C11
36
A4
76
VCC
116
DAV
156
VCC
37
A5
77
SI
117
AOF
157
GND
38
VCC
78
SN
118
AO0
158
GND
39
VCC
79
GND
119
AO1
159
GND
40
-
80
VCC
120
-
160
-
NOTE: The pin names in parenthesis (*) indicate the GC2011 pin names.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com