Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC2011A Datasheet(PDF) 30 Page - Texas Instruments

Part # GC2011A
Description  3.3V DIGITAL FILTER CHIP
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC2011A Datasheet(HTML) 30 Page - Texas Instruments

Back Button GC2011A Datasheet HTML 26Page - Texas Instruments GC2011A Datasheet HTML 27Page - Texas Instruments GC2011A Datasheet HTML 28Page - Texas Instruments GC2011A Datasheet HTML 29Page - Texas Instruments GC2011A Datasheet HTML 30Page - Texas Instruments GC2011A Datasheet HTML 31Page - Texas Instruments GC2011A Datasheet HTML 32Page - Texas Instruments GC2011A Datasheet HTML 33Page - Texas Instruments GC2011A Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
Texas Instruments Incorporated
- 26 -
GC2011A 3.3V DIGITAL FILTER CHIP
SLWS129A
This document contains information which may be changed at any time without notice
Table 14: Pin Listing For 160 Pin BGA Package (Top View)
1:
2:
3:
4:
5:
6:
7:
8:
9:
10:
11:
12:
13:
14:
A:
*
AOF
GND
GND
BO13
BO10
CVCC
GND
PVCC
BO5
BO2
BO0
B:
AO3
AO2
AO1
DAV
BO15
CVCC
BO11
BO9
GND
BO7
BO3
BO1
BOE
PVCC
C:
AO5
AO4
AO0
BOF
GND
BO14
GND
GND
GND
CVCC
BO4
SN
GND
SI
D:
GND
CVCC
PVCC
GND
PVCC
CVCC
BO12
CVCC
BO8
CVCC
BO6
CVCC
CVCC
SO
E:
AO7
AO6
AO8
AO9
GND
AI0
GND
AI1
F:
AO11
AO10
AO12
PVCC
AI2
AI4
AI3
AI5
G:
AO13
GND
AOE
AO14
TGND
TGND
AI6
AI10
AI7
AI8
H:
C0
C1
AO15
C2
TGND
TGND
AI11
AI9
BI1
BI0
J:
C3
PVCC
C4
GND
BI2
BI3
BI5
BI4
K:
C5
C7
C6
C8
BI6
BI7
BI9
BI8
L:
C9
C11
C10
C14
CVCC
CVCC
GND
A0
GND
A2
BI10
A8
A7
BI11
M:
PVCC
GND
GND
GND
GND
RE
CVCC
GND
CVCC
CVCC
GND
A5
PVCC
A6
N:
GND
*
CVCC
C13
C15
CVCC
WE
CK
A1
CVCC
CVCC
CVCC
GND
GND
P:
C12
CVCC
CVCC
GND
CE
CKEN
CVCC
GND
GND
A3
A4
CVCC
* = unused ball
CVVC = Core VCC
PVCC = Pad VCC
TGND = Thermal Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com