Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC2011A Datasheet(PDF) 38 Page - Texas Instruments

Part # GC2011A
Description  3.3V DIGITAL FILTER CHIP
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC2011A Datasheet(HTML) 38 Page - Texas Instruments

Back Button GC2011A Datasheet HTML 34Page - Texas Instruments GC2011A Datasheet HTML 35Page - Texas Instruments GC2011A Datasheet HTML 36Page - Texas Instruments GC2011A Datasheet HTML 37Page - Texas Instruments GC2011A Datasheet HTML 38Page - Texas Instruments GC2011A Datasheet HTML 39Page - Texas Instruments GC2011A Datasheet HTML 40Page - Texas Instruments GC2011A Datasheet HTML 41Page - Texas Instruments GC2011A Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
Texas Instruments Incorporated
- 34 -
GC2011A 3.3V DIGITAL FILTER CHIP
SLWS129A
This document contains information which may be changed at any time without notice
6.6
OUTPUT MODE REGISTER
The output mode register controls the output formatting.
ADDRESS 7:
OUTPUT_REG
BIT
TYPE
NAME
DESCRIPTION
0,1 (LSBs)
R/W
NEG_OUT
This two bit field controls the output sample negation as follows:
NEG_OUT
DESCRIPTION
0
don’t negate
1
negate full rate output samples
2
negate half rate output samples
3
negate quarter rate output samples
When negation is enabled the circuit will negate the even time A-Path
outputs and the odd time B-path outputs where the definition of even and
odd time samples is shown in Figure 8. If the user desires to negate the
odd time A-path outputs, or negate the even time B-path outputs, then
the NEG_IN control should be used to negate the path’s input.
2
R/W
24BIT_MODE
Enables the 24 bit mode. PATH_ADD and 24BIT_OUT must also be set
in this register. A-path and B-path must be configured the same except
for:
B-path must be in the unsigned mode,
A-path CIN must be zero,
A-path AB_SEL is 1, and
B-path AB_SEL is 0.
3
R/W
24BIT_OUT
Enables the 24 bit output mode. The 24 bit B-path output samples are
output on the A-out and B-out pins as follows: The upper 16 bits are
output on the A-out pins, the lower 8 bits are output on the upper 8 bits
of the B-out pins.
4,5
R/W
MUX_MODE
In the MUX_MODE the A-path and B-path outputs are multiplexed
together on the A-out pins. The B-out pins are cleared. The MUX_MODE
settings are:
MUX_MODE
DESCRIPTION
0
mux mode is off,
1
mux half rate outputs,
3
mux quarter rate outputs
The multiplexed half rate outputs will generate a full rate output stream,
the multiplexed quarter rate outputs will generate a half rate stream. The
A-path sample is output first, followed by the B-path sample.
6
R/W
PATH_ADD
Adds the A-path and B-path results. The result is output on the B-out pins
unless the 24BIT_OUT control is enabled.
7
R/W
DAV_POLARITY
Invert the polarity of the data valid (DAV) strobe. Figure 8 shows
DAV with DAV_POLARITY = 0.
8-15
R/W
-
unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com