Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT8001IP Datasheet(PDF) 36 Page - Exar Corporation

Part # XRT8001IP
Description  WAN Clock for T1 and E1 Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8001IP Datasheet(HTML) 36 Page - Exar Corporation

Back Button XRT8001IP Datasheet HTML 32Page - Exar Corporation XRT8001IP Datasheet HTML 33Page - Exar Corporation XRT8001IP Datasheet HTML 34Page - Exar Corporation XRT8001IP Datasheet HTML 35Page - Exar Corporation XRT8001IP Datasheet HTML 36Page - Exar Corporation XRT8001IP Datasheet HTML 37Page - Exar Corporation XRT8001IP Datasheet HTML 38Page - Exar Corporation XRT8001IP Datasheet HTML 39Page - Exar Corporation XRT8001IP Datasheet HTML 40Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
XRT8001
36
Rev. 1.01
7.1 Synthesizing an “M x 2.048MHz” clock signal,
such that “M” can take on the value of “1”, “2”, “4”,
or “8” with a clock signal of 2.048MHz
Figure 21 presents a possible approach that can be
used. In this example, the user takes the 2.048MHz
clock signal, and runs it through an external “Divide-
by-32” counter (which is realized with two
74AHCT193). This “Divide-by-32” counter generates
a 64kHz clock signal, which is applied to the “FIN”
input pin of the XRT8001.
Serial_Data_Out
64kHz Clock Signal
Clear_Counter
2.048MHz_CLOCK
U1
XRT8001
3
18
1
16
17
8
6
13
11
FIN
SCLK
SDO
SDI
CS
MSB
CLK1
CLK2
LOCKDET
XRT8000_Select
M x 2.048MHz_CLOCK
WAN_CLOCK_PLL_LOCK_STATUS
U2
74AHCT193
15
1
10
9
5
4
11
14
3
2
6
7
12
13
A
B
C
D
UP
DN
LOAD
CLR
QA
QB
QC
QD
CO
BO
Serial_Clock
U3
74AHCT193
15
1
10
9
5
4
11
14
3
2
6
7
12
13
A
B
C
D
UP
DN
LOAD
CLR
QA
QB
QC
QD
CO
BO
R1
1K
M x 2.048MHz_CLOCK
+5V
Serial_Data_In
Figure 21: Circuit that inputs a 2.048MHz clock and generates a “M” x 2.048MHz clock
If the user configures the XRT8001 WAN Clock to
operate in the “
High Speed – Reverse” Mode, then
it will accepts a 64kHz clock signal (via the FIN
input) and generates an “M x 2.048MHz” clock
signal via both the CLK1 and CLK2 outputs.
NOTES:
1.
In this configuration, “M” can be configured to be of
value “1”, “2”, “4” or “8”.
2.
The steps required to configure the XRT8001 into the
“High Speed – Reverse” Mode are presented below.
7.2 Configuring the XRT8001 WAN Clock to operate
in the “High Speed – Reverse” Mode.
The following is a “six-step” procedure to configure the
XRT8001 WAN Clock into the “High Speed – Reverse”
Mode.
STEP 1 – Configure the XRT8001 to operate in the
“SLAVE” Mode, by pulling the “MSB” input pin (pin 8)
to GND (low).
STEP 2 – Write the binary expression “1101” into bit-
fields D4 through D1, within Command Register, CR0,
as indicated below.
Command Register, CR1 (Address = 0x01)
D4
D3
D2
D1
D0
M4
M3
M2
M1
PL2EN
1
1
0
1
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com