Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-7010EB Datasheet(PDF) 7 Page - Copal Electronics

Part # S-7010EB
Description  ROTARY CODED SWITCHES (SMD)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

S-7010EB Datasheet(HTML) 7 Page - Copal Electronics

  S-7010EB Datasheet HTML 1Page - Copal Electronics S-7010EB Datasheet HTML 2Page - Copal Electronics S-7010EB Datasheet HTML 3Page - Copal Electronics S-7010EB Datasheet HTML 4Page - Copal Electronics S-7010EB Datasheet HTML 5Page - Copal Electronics S-7010EB Datasheet HTML 6Page - Copal Electronics S-7010EB Datasheet HTML 7Page - Copal Electronics S-7010EB Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
S-7000
ROTARY CODED SWITCHES (SMD)
■ PACKAGING SPECIFICATIONS
Maximum number of consecutive missing pieces = 2
Leader length and reel dimension are shown in the
diagrams below:
<Taping packaging specifications>
O Taping version is packaged in 500 pcs. per reel.
Orders will be accepted for units of 500 pcs., i.e., 500,
1000, 1500, pcs., etc.
O Taping version is boxed with one reel (500 pcs.).
O Reel dimensions
(Unit: mm)
40 mm min.
20 pitches min.
400 mm min.
Direction of feed
End
Head
Empty
Filled
Empty
Leader
21
(0.8
q
q
q
q
17.4
(1
13
(0.2
2
(0.5
254
(2 (Top setting type)
330
(2 (Side setting type)
21.4
(1
(Conforms to JIS C 0806-3)
(In accordance with EIAJ ET-7200A)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com