Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-7010EB Datasheet(PDF) 3 Page - Copal Electronics

Part # S-7010EB
Description  ROTARY CODED SWITCHES (SMD)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

S-7010EB Datasheet(HTML) 3 Page - Copal Electronics

  S-7010EB Datasheet HTML 1Page - Copal Electronics S-7010EB Datasheet HTML 2Page - Copal Electronics S-7010EB Datasheet HTML 3Page - Copal Electronics S-7010EB Datasheet HTML 4Page - Copal Electronics S-7010EB Datasheet HTML 5Page - Copal Electronics S-7010EB Datasheet HTML 6Page - Copal Electronics S-7010EB Datasheet HTML 7Page - Copal Electronics S-7010EB Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BCD (Real code, complementary code)
BCH (Real code, complementary code)
Approx. 0.26 g (A or B type in top setting)
Approx. 0.28 g (C type in top setting)
Approx. 0.62 g (Side setting type)
S-7000
ROTARY CODED SWITCHES (SMD)
■ STANDARD SPECIFICATIONS
Circuit type
Operating temperature range
Storage temperature range
Sealing
Net weight
−40 ~ 85 °C
Washable by “O” ring
※Please refer to page 150,151
No. of positions
Adjustment torque
Stepping angle
Solderability
Soldering heat
Shear (adhesion)
Substrate bending
Pull-off strength
6, 10, 16
20 mN·m {204 gf·cm} maximum
60° (6 positions)
36° (10 positions)
22.5° (16 positions)
245
± 3 °C, 2 ~ 3 s
Reflow
:255 °C (Peak temperature)
(Please refer to the profile below)
Flow : 260
± 3 °C, 5 ~ 6 s, two times maximum
Manual soldering : 350
± 10 °C, 3 ~ 4 s
5 N {0.51 kgf}, 10 s
Width 90 mm, bend 3 mm, 5 s, 1 time
5 N {0.51 kgf}, 10 s
Contact rating
Non-switching
Switching
Minimum
Contact resistance
Insulation resistance
Dielectric strength
DC50 V 100 mA
DC5 V 100 mA
DC20 mV 1
μA
100 M
Ω (DC100 V) minimum
100 m
Ω maximum
AC250 V, 60 s
Vibration
Shock
Load life
Humidity (Steady state)
High temperature exposure
Low temperature exposure
Thermal shock
(Amplitude) 1.5 mm or
(Acceleration) 98 m/s
2,
10-500-10 Hz, 3 directions for 2 h each
490 m/s
2, 11 ms
6 directions for 3 times each
10000 steps minimum, DC5 V, 100 mA
85 °C, 96 h
40 °C, Relative humidity 90 ~ 95 %, 240 h
−40 °C, 96 h
−40 (0.5 h) ~ 85 °C ( 0.5 h ), 5 cycles
■ MECHANICAL CHARACTERISTICS
■ ENVIRONMENTAL CHARACTERISTICS
■ ELECTRICAL CHARACTERISTICS
{ } : Reference only
〈Reflow profile for soldering heat evaluation〉
Reflow : two times maximum
Peak : 250
Over 230 ℃
Pre Heating Zone
180 ℃
(
℃)
250
200
150
100
50
150 ℃
90
± 30 s
30
± 10 s
Soldering Zone
Heating time
℃
+5
0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com