Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-7010EB Datasheet(PDF) 5 Page - Copal Electronics

Part # S-7010EB
Description  ROTARY CODED SWITCHES (SMD)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

S-7010EB Datasheet(HTML) 5 Page - Copal Electronics

  S-7010EB Datasheet HTML 1Page - Copal Electronics S-7010EB Datasheet HTML 2Page - Copal Electronics S-7010EB Datasheet HTML 3Page - Copal Electronics S-7010EB Datasheet HTML 4Page - Copal Electronics S-7010EB Datasheet HTML 5Page - Copal Electronics S-7010EB Datasheet HTML 6Page - Copal Electronics S-7010EB Datasheet HTML 7Page - Copal Electronics S-7010EB Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
S-7000
ROTARY CODED SWITCHES (SMD)
■ OUTLINE DIMESIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
O S-7011EA (Real code)
O S-7031EA (Complementary code)
O S-7011EB (Real code)
O S-7031EB (Complementary code)
O S-7011EC (Real code)
O S-7031EC (Complementary code)
O S-7051EA (Real code)
O S-7071EA (Complementary code)
O S-7051EB (Real code)
O S-7071EB (Complementary code)
O S-7051EC (Real code)
O S-7071EC (Complementary code)
5
4
6
Production date code
Marking appears only with complementary code
7.2
0.6 W × 2.6 L × 0.6 D
C
1
2
C
8
4
7.8
6 – 0.8
t = 0.15
2.54
2.54
Lead-free ldentification mark
8
Marking appears only with complementary code
7.2
7
A
9
Production date code
C
1
2
C
8
4
7.8
6 – 0.8
t = 0.15
2.54
2.54
0.6 W × 2.6 L × 0.6 D
Lead-free ldentification mark
5
4
6
Production date code
Marking appears only with complementary code
C
1
2
C
8
4
7.8
7.2
6 – 0.8
t = 0.15
2.54
2.54
0.6 W × 2.6 L × 0.6 D
Lead-free ldentification mark
8
Marking appears only with complementary code
7.2
7
A
9
Production date code
7.8
6 – 0.8
2.54
2.54
C
1
2
C
8
4
t = 0.15
0.6 W × 2.6 L × 0.6 D
Lead-free ldentification mark
5
4
6
Production date code
Marking appears only with complementary code
C
1
2
C
8
4
7.8
7.2
6 – 0.5
t = 0.15
2.54
2.54
5.08
1.8
0.6 W × 2.6 L × 0.6 D
Lead-free ldentification mark
8
Marking appears only with complementary code
7.2
7
A
9
Production date code
7.8
6 – 0.5
t = 0.15
2.54
2.54
5.08
1.8
0.6 W × 2.6 L × 0.6 D
C
1
2
C
8
4
Lead-free ldentification mark



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com