Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-7010EB Datasheet(PDF) 4 Page - Copal Electronics

Part # S-7010EB
Description  ROTARY CODED SWITCHES (SMD)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

S-7010EB Datasheet(HTML) 4 Page - Copal Electronics

  S-7010EB Datasheet HTML 1Page - Copal Electronics S-7010EB Datasheet HTML 2Page - Copal Electronics S-7010EB Datasheet HTML 3Page - Copal Electronics S-7010EB Datasheet HTML 4Page - Copal Electronics S-7010EB Datasheet HTML 5Page - Copal Electronics S-7010EB Datasheet HTML 6Page - Copal Electronics S-7010EB Datasheet HTML 7Page - Copal Electronics S-7010EB Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
■ OUTLINE DIMESIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
O S-7010EA (Real code)
O S-7030EA (Complementary code)
O S-7010EB (Real code)
O S-7030EB (Complementary code)
O S-7010EC (Real code)
O S-7030EC (Complementary code)
O S-7050EA (Real code)
O S-7070EA (Complementary code)
O S-7050EB (Real code)
O S-7070EB (Complementary code)
O S-7050EC (Real code)
O S-7070EC (Complementary code)
7.2
2.9
2.54
2.54
1
2
C
8
4
C
0 1
9
Marking appears only with complementary code
0.6 W
× 2.6 L × 0.6 D
Production date code
6 – 0.8
t = 0.15
Lead-free
ldentification mark
7.2
2.8
2.54
2.54
6 – 0.5
t = 0.15
1
2
C
8
4
C
0 1
9
0.5
4 1
A
Marking appears only with complementary code
A Projection
0.6 W
× 2.6 L × 0.6 D
Production date code
Lead-free
ldentification mark
7.2
1
2
C
8
4
C
0
F
2
1
Marking appears only with complementary code
A Projection
Production date code
2.8
2.54
2.54
6 – 0.5
t = 0.15
0.5
4 1
A
0.6 W
× 2.6 L × 0.6 D
Lead-free
ldentification mark
7.2
1
2
C
8
4
C
0
F
2
1
Marking appears only with complementary code
Production date code
2.9
2.54
2.54
6 – 0.8
t = 0.15
0.6 W
× 2.6 L × 0.6 D
Lead-free
ldentification mark
7.2
2.9
2.54
2.54
6 – 0.8
t = 0.15
1
2
C
8
4
C
0 1
9
Marking appears only with complementary code
Lead-free
ldentification mark
0.6 W
× 2.6 L × 0.6 D
Production date code
S-7000
ROTARY CODED SWITCHES (SMD)
7.2
2.9
2.54
2.54
6 – 0.8
t = 0.15
1
2
C
8
4
C
0
F
2
1
Marking appears only with complementary code
0.6 W
× 2.6 L × 0.6 D
Production date code
Lead-free
ldentification mark



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com