Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9102AF Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # DM9102AF
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102AF Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button DM9102AF Datasheet HTML 19Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 20Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 21Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 22Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 23Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 24Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 25Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 26Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
Final
23
Version: DM9102A-DS-F03
August 28, 2000
Power Management Register (xxxxxx50h~PCIPMR)
31
16 15
0
87
Power Management Capabilities
Next Item Pointer
Capability Identifier
P M C
Next Item Pointer
Capability ID
Bit
Default
Type
Description
31:27
11000
RO
PME_Support
These five bits field indicate the power states in which the function may assert
PME#. A value of 0 for any bit indicates that the function is not capable of asserting
the PME# signal while in that power state.
bit27
Æ PME# support D0
bit28
Æ PME# support D1
bit29
Æ PME# support D2
bit30
Æ PME# support D3(hot)
bit31
Æ PME# support D3(cold)
DM9102A’s bit31~27=11000 indicates PME# can be asserted fromD3(hot) &
D3(cold).
26:22
00000
RO
Reserved (DM9102A not supports D1, D2)
21
1
RO
A “1” indicates that the function requires a device specific initialization sequence
following transition to the D0 uninitialized state.
20
1
RO
Auxiliary Power Source
This bit is only meaningful if bit31 is a “1”.
This bit is “1” in DM9102A indicates that support for PME# in D3(cold) requires
auxiliary power.
19
0
RO
PME# Clock
“0” indicates that no PCI clock is required for the function to generate PME#.
18:16
001
RO
Version
A value of 001 indicates that this function complies with the Revision 1.0 of the PCI
Power Management Interface Specification.
A value of 010 is for DM9102A/A that complies with the revision 1.1 of the PCI
Power Management Interface Specification.
15:8
00h
RO
Next Item Pointer
The offset into the function’s PCI Configuration Space pointing to the location of
next item in the function’s capability list is “00h”
7:0
01h
RO
Capability Identifier
When “01h” indicates the linked list item as being the PCI Power Management
Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com