Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9102AF Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # DM9102AF
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102AF Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button DM9102AF Datasheet HTML 49Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 50Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 51Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 52Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 53Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 54Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 55Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 56Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
Final
53
Version: DM9102A-DS-F03
August 28, 2000
Bit 1: FUE, FIFO Underrun Error
It is set to indicate the transmission aborted due to transmit
FIFO underrun condition.
Bit 0: DF, Deferred
It is set to indicate the frame is deferred before ready to
transmit.
TDES1: Transmit buffer control and buffer size
31
30
29
28
27
26
25
24
23
22
21 ~ 11
10 ~ 0
CI
E D
BD
FMB1 SETF CAD
///
C E
PD FMB0
Buffer Length
Bit 31: CI, Completion Interrupt
It is set to enable transmit interrupt after the present frame
has been transmitted. It is valid only when TDES1<30> is
set or when it is a setup frame.
Bit 30: ED, Ending Descriptor
It is set to indicate the pointed buffer contains the last
segment of a frame.
Bit 29: BD, Begin Descriptor
It is set to indicate the pointed buffer contains the first
segment of a frame.
Bit 28: FMB1, Filtering Mode Bit 1
This bit is used with FMB0 to indicate the filtering type when
the present frame is a setup frame.
Bit 27: SETF, Setup Frame
It is set to indicate the current frame is a setup frame.
Bit 26: CAD, CRC Append Disable
It is set to disable the CRC appending at the end of the
transmitted frame. Valid only when TDES1<29> is set.
Bit 24: CE, Chain Enable
Must be “1”.
Bit 23: PD, Padding Disable
This bit is set to disable the padding field for a packet shorter
than 64 bytes.
Bit 22: FMB0, Filtering Mode Bit 0
This bit is used with FMB1 to indicate the filtering type when
the present frame is a setup frame.
FMB1
FMB0
Filtering Type
0
0
Perfect Filtering
0
1
Hash Filtering
1
0
Inverse Filtering
1
1
Hash-Only Filtering.
Bit 10-0: Buffer 1 length
Indicates the size of buffer in Chain type structure.
TDES2: Buffer Starting Address indicates the physical starting address of buffer.
31
0
Buffer Address 1
TDES3: Address indicates the next descriptor starting address
Indicates the physical starting address of the chained descriptor under the Chain descriptor structure.
This address must be eight word alignment.
31
0
Buffer Address 2
Initialization Procedure
After hardware or software reset, transmit and receive
processes are placed in the state of STOP. The DM9102A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com