Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9102AF Datasheet(PDF) 54 Page - List of Unclassifed Manufacturers

Part # DM9102AF
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102AF Datasheet(HTML) 54 Page - List of Unclassifed Manufacturers

Back Button DM9102AF Datasheet HTML 50Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 51Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 52Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 53Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 54Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 55Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 56Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 57Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 58Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
54
Final
Version: DM9102A-DS-F03
August 28, 2000
can accept the host commands to start operation. The
general procedure for initialization is described below:
(1) Read/write suitable values for the PCI configuration
registers.
(2) Write CR3 and CR4 to provide the starting address of
each descriptor list.
(3) Write CR0 to set global host bus operation parameters.
(4) Write CR7 to mask causes of unnecessary interrupt.
(5) Write CR6 to set global parameters and start both
receive and transmit processes. Receive and transmit
processes will enter the running state and attempt to acquire
descriptors from the respective descriptor lists.
(6) Wait for any interrupt.
Data Buffer Processing Algorithm
The data buffer process algorithm is based on the
cooperation of the host and the DM9102A. The host sets
CR3 (receive descriptor base address) and CR4 (transmit
descriptor base address) for the descriptor list initialization.
The DM9102A will start the data buffer transfer after the
descriptor polling and get the ownership. For detailed
processing procedure, please see below.
1. Receive Data Buffer Processing
The DM9102A always attempts to acquire an extra
descriptor in anticipation of the incoming frames. Any
incoming frame size covers a few buffer regions and
descriptors. The following conditions satisfy the descriptor
acquisition attempt:
When start/stop receive sets immediately after being placed
in the running state.
When the DM9102A begins writing frame data to a data
buffer pointed to by the current descriptor and the buffer
ends before the frame ends.
When the DM9102A completes the reception of a frame
and the current receiving descriptor is closed.
When receive process is suspended due to no free buffer for
the DM9102A and a new frame is received.
When receive polling demand is issued. After acquiring the
free descriptor, the DM9102A processes the incoming frame
and places it in the acquired descriptor's data buffer. When
whole the received frame data has been transferred, the
DM9102A will write the status information to the last
descriptor. The same process will repeat until it encounters a
descriptor flagged as being owned by the host. If this occurs,
receive process enters the suspended state and waits the
host to service.
Stop
State
Descriptor
Access
Datat
Transfer
Write
Status
Suspended
Start Receive Command Or
Receive Poll Command
Buffer Available
( OWN bit = 1 )
FIFO Threshold
Reached
Frame Fully
Received
Buffer not
Full
Receive Buffer
Unavailable
New Frame Coming Or
Receive Poll Command
Stop Receive Command or
Reset Command
Buffer Full
Receive Buffer Management State Transition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com